Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8050JF Arkusz danych(PDF) 3 Page - Sanken electric

Numer części SI-8050JF
Szczegółowy opis  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050JF Arkusz danych(HTML) 3 Page - Sanken electric

  SI-8050JF Datasheet HTML 1Page - Sanken electric SI-8050JF Datasheet HTML 2Page - Sanken electric SI-8050JF Datasheet HTML 3Page - Sanken electric SI-8050JF Datasheet HTML 4Page - Sanken electric SI-8050JF Datasheet HTML 5Page - Sanken electric SI-8050JF Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
sExample of Pattern on PC Board
sBlock Diagram
sStandard External Circuit
4
3
GND
2
VIN
ON/OFF
SW OUT
1
5
PReg.
OCP
SI-8025JF, 8033JF, 8050JF, 8090JF, 8120JF
Reset
OSC
+
Comp.
Error Amp.
Latch&
Drive
TSD
ON/OFF
Soft
Start
VREF
+
C1 : 50V/220
µF
C2 : 25V/470
µF
C3 : 10V/0.47
µF (when using soft-start function)
L1
: 100
µH
Di
: RK16 (Sanken)
C3
C1
C2
+
+
15
VOUT
VIN
GND
Di
SI-8000JF
Recommended Pattern
SI-8025JF, 8033JF, 8050JF, 8090JF, 8120JF
4
3
GND
2
VIN
VREF
ON/OFF
SW OUT
1
5
PReg.
OCP
Reset
OSC
+
Comp.
Error Amp.
Latch&
Drive
TSD
ON/OFF
Soft
Start
VREF
+
SI-8015JF
C1 : 50V/220
µF
C2 : 25V/470
µF
C3 : 10V/0.47
µF (when using soft-start function)
C4 : 6800pF
L1
: 100
µH
Di
: RK16 (Sanken)
VIN
220
µF
Di
REF
L1
470
µF
VIN
GND
ON/OFF
GND
SI-8015JF
SW
VREF
IREF
R1
R2
C4
12
4
3
5
+
+
VO
GND
SI-8015JF
VIN
C1
C3
Di
L1
C2
VIN
GND
ON/OFF
GND
SI-8000JF
SW
VS
12
4
3
5
+
+
VOUT
GND
SI-8025JF, 8033JF, 8050JF, 8090JF, 8120JF
C3
C1
R1
C2
+
+
15
VOUT
VIN
GND
Di
SI-8015JF
R2
Recommended Pattern
SI-8015JF
* For the optimum operating conditions, use one-point GND wiring centering on pin 3, and place each component as closely as possible.
qSI-8000JF Series


Podobny numer części - SI-8050JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8050JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com