Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8120JF Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SI-8120JF
Szczegółowy opis  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8120JF Arkusz danych(HTML) 1 Page - Sanken electric

  SI-8120JF Datasheet HTML 1Page - Sanken electric SI-8120JF Datasheet HTML 2Page - Sanken electric SI-8120JF Datasheet HTML 3Page - Sanken electric SI-8120JF Datasheet HTML 4Page - Sanken electric SI-8120JF Datasheet HTML 5Page - Sanken electric SI-8120JF Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
sFeatures
• Compact full-mold package (equivalent to TO220)
• Output current: 1.5 A
• High efficiency: 79 to 91%
• Requires only 4 external components
• Phase correction and output voltage adjustment performed internally
• Choke coil size can be reduced through the employment of high frequency
(125 kHz) design
• Built-in foldback overcurrent protection, thermal protection circuits
• Output ON/OFF capable (OFF state current consumption: 200
µA max.)
• Soft start possible via ON/OFF pin
sApplications
• Power supplies for telecommunication equipment
• Onboard local power supplies
sLineup
Full-Mold, Separate Excitation Switching Type
SI-8000JF Series
sRecommended Operating Conditions
sAbsolute Maximum Ratings
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Case)
Ratings
43
16.6 (with infinite heatsink)
1.5 (without heatsink, standalone operation)
+125
–40 to +125
6.0
Part Number
SI-8015JF
SI-8025JF
SI-8033JF
SI-8050JF
SI-8090JF
SI-8120JF
VO (V)
1.59
2.5
3.3
5.0
9.0
12.0
IO (A)
1.5
Symbol
VIN
PD1
PD2
Tj
Tstg
Rth (j-c)
Unit
V
W
W
°C
°C
°C/W
Symbol
VIN1
VIN2
IO
Tjop
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Ratings
SI-8015JF* SI-8025JF SI-8033JF SI-8050JF SI-8090JF SI-8120JF
VO+2 to VO+3 4.5 to 5.5 5.3 to 6.3
7 to 8
11 to 12
14 to 15
VO+3 to 40
5.5 to 40 6.3 to 40
8 to 40
12 to 40
15 to 40
0 to 1.5
–30 to +125
Conditions
IO=0 to 1A
IO=0 to 1.5A
VIN
≥VO+3V
Unit
V
V
A
°C
*SI-8015JF is a variable output voltage type. The variable output voltage range is from 2.5 V to 24 V.
qSI-8000JF Series


Podobny numer części - SI-8120JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8120JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com