Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL6649-MPEF Arkusz danych(PDF) 4 Page - Zarlink Semiconductor Inc

Numer części SL6649-MPEF
Szczegółowy opis  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-MPEF Arkusz danych(HTML) 4 Page - Zarlink Semiconductor Inc

  SL6649-MPEF Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-MPEF Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SL6649-1
3
TYPICAL ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed by design.
T
amb
= 25
°C, V
CC
1 = 2.5V, V
CC
2 = 3.5V
Value
Characteristic
Pin
Min
Typ
Max
Units
Conditions
RF Amplifier
Noise Figure
5.5
dB
RS = 50
Power Gain
14
dB
Input Impedance
19
See Fig. 8
Mixer
RF Input Impedance
23, 24
See Figs. 9 (a) and (b)
LO Input Impedance
26, 27
See Fig. 10
LO DC Bias Voltage
26, 27
V
Equal to pin 25
Detector
Output Current
7
±4
µA
Colpitts Oscillator
Frequency
16
15
kHz
R = 270K, Pin 3 to GND
Output Voltage
16
20
mVp-p
R
L
>> 1M
Ω N.B. Refer to Channel
Filter Fig. 4
RECEIVER CHARACTERISTICS (GPS DEMONSTRATION BOARD)
Measurement conditions (unless otherwise stated): Applications circuit diagram Fig.6; V
CC
1 = 1.3V; V
CC
2 = 2.3V; T
amb
=
25
°C; Colpitts oscillator resistor = 270kΩ; mixer input A and B phase balance = 180°; local oscillator input A and B phase
balance = 90
°. Measurement methods as described by CEPT Res 2 specification. F
IN
= 153MHz (512 baud).
Value
Characteristic
Min
Typ
Max
Units
Conditions
Terminal Sensitivity Tone
-127
-124
dBm
∆f = 4.5kHz, R
S
= 50
only 4/5 call reception
Deviation Acceptance
±2.5
kHz
3dB De-Sensitisation. F
IN
= F
LO
Centre Frequency Acceptance
±2.0
±2.5
kHz
∆f = 4.5kHz
Adjacent Channel Rejection
65
70
dB
∆f = 4.5kHz Channel Spacing
25kHz
Adjacent + 1 Channel Rejection
65
70
dB
External capacitors on test
Third Order Intermod adj-1 + adj-2
52
53
dB
pins A and B.
Figure 2: Block Diagram of SL6649-1 Direct Conversion Receiver


Podobny numer części - SL6649-MPEF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

Podobny opis - SL6649-MPEF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com