Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5263BRU20 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5263BRU20
Szczegółowy opis  Preliminary Technical Data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5263BRU20 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5263BRU20 Datasheet HTML 1Page - Analog Devices AD5263BRU20 Datasheet HTML 2Page - Analog Devices AD5263BRU20 Datasheet HTML 3Page - Analog Devices AD5263BRU20 Datasheet HTML 4Page - Analog Devices AD5263BRU20 Datasheet HTML 5Page - Analog Devices AD5263BRU20 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRELIMINARY TECHNICAL DATA
Quad +15V Digital Potentiometers
AD5263
08 AUG ’02, REV PrD
- 4 -
ABSOLUTE MAXIMUM RATINGS (TA = +25°C, unless
otherwise noted)
VDD to GND ........................................................... -0.3, +15V
VSS to GND................................................................. 0V, -7V
VDD to VSS....................................................................... +15V
VA, VB, VW to GND................................................. VSS, VDD
AX – BX, AX – WX, BX – WX
Intermittent
2...................................................±20mA
Continuous ......................................................±2mA
Digital Inputs & Output Voltage to GND .................. 0V, +7V
Operating Temperature Range .........................-40°C to +85°C
Maximum Junction Temperature (TJ MAX) .................. +150°C
Storage Temperature ......................................-65°C to +150°C
Lead Temperature (Soldering, 10 sec) ......................... +300°C
Vapor Phase (60 sec)....................................... +215 °C
Infrared (15 sec)...............................................+220 °C
Thermal Resistance
*
θ
JA,
TSSOP-24........................................................ 143°C/W
*Package Power Dissipation = (TJMAX - TA) / θJA
NOTES
1. Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating; functional
operation of the device at these or any other conditions above those
listed in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
2. Maximum terminal current is bounded by the maximum current
handling of the switches, maximum power dissipation of the package,
and maximum applied voltage across any two of the A, B, and W
terminals at a given resistance.
ORDERING GUIDE
Model
RAB
(k
Ω)
Temp
Package
Description
Package
Option
# Parts per
Container
Top Mark*
AD5263BRU20
20
-40/+125°C
TSSOP-24
RU-24
62
AD5263B20
AD5263BRU20-REEL7
20
-40/+125°C
TSSOP-24
RU-24
1,000
AD5263B20
AD5263BRU50
50
-40/+125°C
TSSOP-24
RU-24
62
AD5263B50
AD5263BRU50-REEL7
50
-40/+125°C
TSSOP-24
RU-24
1,000
AD5263B50
AD5263BRU200
200
-40/+125°C
TSSOP-24
RU-24
62
AD5263B200
AD5263BRU200-REEL7
200
-40/+125°C
TSSOP-24
RU-24
1,000
AD5263B200
*Line 1 contains part number, line 2 branding containing differentiating detail by part type and ADI logo symbol, line 3 contains date code YWW.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5263 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Podobny numer części - AD5263BRU20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU200 AD-AD5263BRU200 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
More results

Podobny opis - AD5263BRU20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD53519 AD-AD53519 Datasheet
291Kb / 13P
   Preliminary Technical Data
REV. Pr J July 22, 2002
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com