Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-117 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ADS-117
Szczegółowy opis  12-Bit, 2MHz, Low-Power Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ADS-117 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS-117 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-117 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-117 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-117 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-117 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-117 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®®
Figure 1. ADS-117 Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
ADS-117
12-Bit, 2MHz, Low-Power
Sampling A/D Converters
FEATURES
• 12-bit resolution
• No missing codes
• 2MHz minimum throughput
• Functionally complete
• Small 24-pin DDIP
• Low-power, 1.6 Watts
• Three-state output buffers
• Samples to Nyquist frequencies
GENERAL DESCRIPTION
DATEL's ADS-117 is a functionally complete, 12-bit, 2MHz,
sampling A/D converter. Its standard, 24-pin, double-width
DIP contains a fast-settling sample-hold amplifier, a 12-bit
subranging (two-step) A/D converter, a precision reference,
three-state output register and all the timing and control logic
necessary to operate from a single start convert pulse. Digital
input and output levels are TTL.
Total harmonic distortion (THD) and signal-to-noise ratio
(including distortion) typically run –78dB and 70dB,
respectively, with full scale inputs up to 100kHz. The ADS-
117 requires ±15V and +5V power supplies and typically
consumes 1.6 Watts. Models are available for use in either
commercial (0 to +70°C) or military (–55 to +125°C) operating
temperature ranges.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 12 (LSB)
24
–15V SUPPLY
2
BIT 11
23
ANALOG GROUND
3
BIT 10
22
+15V SUPPLY
4
BIT 9
21
+10V REFERENCE
5
BIT 8
20
BIPOLAR
6
BIT 7
19
ANALOG INPUT
7
BIT 6
18
COMP BIN
8
BIT 5
17
ENABLE (1-12)
9
BIT 4
16
START CONVERT
10
BIT 3
15
EOC
11
BIT 2
14
DIGITAL GROUND
12
BIT 1 (MSB)
13
+5V SUPPLY
REF
12 BIT 1 (MSB)
11 BIT 2
10 BIT 3
9
BIT 4
8
BIT 5
7
BIT 6
6
BIT 7
5
BIT 8
4
BIT 9
3
BIT 10
2
BIT 11
1
BIT 12 (LSB)
TIMING AND
CONTROL LOGIC
BIPOLAR 20
+10V REF. 21
START CONVERT 16
EOC 15
DAC
FLASH
ADC
COMP BIN 18
BUFFER
+
S/H
ANALOG INPUT 19
17 ENABLE (1-12)
S2
S1
13
+5V SUPPLY
22
+15V SUPPLY
23
ANALOG GROUND
14
DIGITAL GROUND
24
–15V SUPPLY


Podobny numer części - ADS-117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-117-C/883 DATEL-ADS-117-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-117-C883 DATEL-ADS-117-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117/883 MURATA-PS-ADS-117/883 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-117883 DATEL-ADS-117883 Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com