Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G58YZPR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G58YZPR
Szczegółowy opis  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G58YZPR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AUP1G58YZPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G58YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
3
2
4
6
1
In1
In2
Y
GND
In0
DBV PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
In1
In2
Y
GND
In0
3
2
4
6
1
In1
In2
Y
GND
In0
In1
In0
In2
Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DESCRIPTION/ORDERING INFORMATION
SN74AUP1G58
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES504D – NOVEMBER 2003 – REVISED JUNE 2005
Optimized for 3.3-V Operation
Available in the Texas Instruments
3.6-V I/O Tolerant to Support Mixed-Mode
NanoStar™ and NanoFree™ Packages
Signal Operation
Low Static-Power Consumption
tpd = 5.5 ns Max at 3.3 V
(ICC = 0.9 µA Max)
Suitable for Point-to-Point Applications
Low Dynamic-Power Consumption
Latch-Up Performance Exceeds 100 mA Per
(Cpd = 4.6 pF Typ at 3.3 V)
JESD 78, Class II
Low Input Capacitance (Ci = 1.5 pF Typ)
ESD Performance Tested Per JESD 22
Low Noise - Overshoot and Undershoot <10%
– 2000-V Human-Body Model
of VCC
(A114-B, Class II)
Ioff Supports Partial-Power-Down Mode
– 200-V Machine Model (A115-A)
Operation
– 1000-V Charged-Device Model (C101)
Includes Schmitt-Trigger Inputs
ESD Protection Exceeds ±5000 V With
Wide Operating VCC Range of 0.8 V to 3.6 V
Human-Body Model
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity,
which produces very low undershoot and overshoot characteristics.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
Tape and reel
SN74AUP1G58YEPR
0.23-mm Large Bump – YEP
_ _ _HJ_
NanoFree™ – WCSP (DSBGA)
Tape and reel
SN74AUP1G58YZPR
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
SOT (SOT-23) – DBV
Tape and reel
SN74AUP1G58DBVR
H58_
SOT (SC-70) – DCK
Tape and reel
SN74AUP1G58DCKR
HJ_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G58DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
⋅ = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74AUP1G58YZPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G58YZPR TI-SN74AUP1G58YZPR Datasheet
623Kb / 19P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G58YZPR TI-SN74AUP1G58YZPR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Podobny opis - SN74AUP1G58YZPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com