Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25L256 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części FM25L256
Szczegółowy opis  256Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

FM25L256 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM25L256 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FM25L256
Rev. 2.0
Apr. 2005
Page 6 of 14
CS
SCK
SI
SO
Hi-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
0
0
Figure 6. WRDI Bus Configuration
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25L256 will return one byte with the
contents of the Status register. The Status register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive.
Prior to sending the WRSR command, the user must
send a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25L256 are
multi-tiered. Taking the /WP pin to a logic low state
is the hardware write protect function. All write
operations are blocked when /WP is low. To write the
memory with /WP high, a WREN op-code must first
be issued. Assuming that writes are enabled using
WREN and by /WP, writes to memory are controlled
by the Status register. As described above, writes to
the status register are performed using the WRSR
command and subject to the /WP pin. The Status
register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note that bit 0 (Ready in EEPROMs) is unnecessary
as the FRAM writes in real-time and is never busy.
The BP1 and BP0 control software write protection
features. They are nonvolatile (shaded yellow). The
WEL flag indicates the state of the Write Enable
Latch. Attempting to directly write the WEL bit in
the status register has no effect on its state. This bit


Podobny numer części - FM25L256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-DG RAMTRON-FM25L256-DG Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-G RAMTRON-FM25L256-G Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-S RAMTRON-FM25L256-S Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
More results

Podobny opis - FM25L256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com