Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25L256 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FM25L256
Szczegółowy opis  256Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

FM25L256 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FM25L256 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25L256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Pre-Production
This is a product in the pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change the
1850 Ramtron Drive, Colorado Springs, CO 80921
specifications. Ramtron will issue a Product Change Notice if any
(800) 545-FRAM, (719) 481-7000
specification changes are made.
www.ramtron.com
Rev. 2.0
Apr. 2005
Page 1 of 14
FM25L256
256Kb FRAM Serial 3V Memory
Features
256K bit Ferroelectric Nonvolatile RAM
Organized as 32,768 x 8 bits
Unlimited Read/Write Cycles
10 Year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
Up to 25 MHz Frequency
Direct Hardware Replacement for EEPROM
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Write Protection Scheme
Hardware Protection
Software Protection
Low Power Consumption
Low Voltage Operation 2.7V – 3.6V
1
µA (typ) Standby Current
Industry Standard Configurations
Industrial Temperature -40
°C to +85°C
8-pin SOIC and 8-pin DFN Packages
“Green” Packaging Options
Description
The FM25L256 is a 256-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
Unlike serial EEPROMs, the FM25L256 performs
write operations at bus speed. No write delays are
incurred. The next bus cycle may commence
immediately without the need for data polling. The
next bus cycle may start immediately. In addition, the
product offers virtually unlimited write endurance.
Also,
FRAM
exhibits
much
lower
power
consumption than EEPROM.
These capabilities make the FM25L256 ideal for
nonvolatile memory applications requiring frequent
or rapid writes or low power operation. Examples
range from data collection, where the number of
write cycles may be critical, to demanding industrial
controls where the long write time of EEPROM can
cause data loss.
The FM25L256 provides substantial benefits to users
of
serial
EEPROM
as
a
hardware
drop-in
replacement. The FM25L256 uses the high-speed SPI
bus, which enhances the high-speed write capability
of FRAM technology. Device specifications are
guaranteed over an industrial temperature range of
-40°C to +85°C.
Pin Configuration
Ordering Information
FM25L256-S
8-pin SOIC
FM25L256-G
“Green” 8-pin SOIC
FM25L256-DG
“Green” 8-pin DFN
/CS
SO
/WP
VSS
VDD
/HOLD
SCK
SI
8
7
6
5
1
2
3
4
Top View
Pin Name
Function
/CS
Chip Select
/WP
Write Protect
/HOLD
Hold
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
Supply Voltage (2.7 to 3.6V)
VSS
Ground
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Podobny numer części - FM25L256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-DG RAMTRON-FM25L256-DG Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-G RAMTRON-FM25L256-G Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256-S RAMTRON-FM25L256-S Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
More results

Podobny opis - FM25L256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com