Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC201V02-A3 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części LC201V02-A3
Szczegółowy opis  20.1 VGA TFT LCD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC201V02-A3 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button LC201V02-A3 Datasheet HTML 6Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 7Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 8Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 9Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 10Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 11Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 12Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 13Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Product Specification
10 / 26
LC201V02
Liquid Crystal Display
Ver. 0.1
Jan. 17, 2003
Table 4. BACKLIGHT CONNECTOR PIN CONFIGURATION(CN2,CN3,CN4,CN5)
<BACKLIGHT CONNECTOR DIAGRAM>
Notes: 1. The high voltage power terminal is colored white,sky blue,gray.
2. The low voltage pin color is white,dark blue,black .
LV
HV
LV
NC
HV
HV
Symbol
CN5
2
Power supply for lamp 3(Low voltage side) - White
2
1
Power supply for lamp 3(High voltage side) - White
1
CN3
2
Power supply for lamp 1(Low voltage side) - Black
4
NC
3
1
Power supply for lamp 2(High voltage side) – Sky Blue
2
1
Power supply for lamp 1(High voltage side) - Gray
1
CN2
Notes
Description
Pin
No
5
LV
Power supply for lamp 2(Low voltage side) – Dark Blue
LV
NC
HV
HV
2
Power supply for lamp 6(Low voltage side) - Black
4
NC
3
1
Power supply for lamp 5(High voltage side) - Sky Blue
2
1
Power supply for lamp 6(High voltage side) - Gray
1
5
LV
Power supply for lamp 5(Low voltage side) - Dark Blue
LV
HV
1
Power supply for lamp 4(High voltage side) - White
1
CN4
2
Power supply for lamp 4(Low voltage side) - White
2
2
2
CN 2
Lamp1
Lamp 2
CN 3
Lamp 3
Lamp 4
Up Side
Down Side
CN 4
CN 5
Lamp 5
Lamp 6
The backlight interface connector is a model BHSR-02VS-1(CN3/CN4) and BHR-05VS-1(CN2/CN5)
manufactured by JST. The mating connector part number are SM02B-BHSS-1-TB(2pin), SM04(9-E2)B-
BHS-1-TB(5pin) or equivalent. The pin configuration for the connector is shown in the table below.


Podobny numer części - LC201V02-A3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Podobny opis - LC201V02-A3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LG Semicon Co.,Ltd.
LM201W01 LG-LM201W01 Datasheet
782Kb / 29P
   20.1 WSXGA TFT LCD
logo
AU Optronics Corp.,
M201EW02-V8 AUO-M201EW02-V8 Datasheet
1Mb / 25P
   20.1 W WSXGA Color TFT-LCD
logo
Purdy Electronics Corpo...
AND10C210-DHB PURDY-AND10C210-DHB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB-KIT PURDY-AND10C210-HB-KIT Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261F-HB PURDY-AND104A261F-HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB PURDY-AND10C210-HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261G-4HB PURDY-AND104A261G-4HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-4HB PURDY-AND10C210-4HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
logo
AZ Displays
ATM6448B-NLW-FBH AZDISPLAYS-ATM6448B-NLW-FBH Datasheet
2Mb / 26P
   3,5 VGA VERY HIGH BRIGHTNESS TFT-LCD
logo
List of Unclassifed Man...
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com