Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3007D1PWRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPA3007D1PWRG4
Szczegółowy opis  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1PWRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA3007D1PWRG4 Datasheet HTML 1Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 2Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 3Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 4Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 5Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 6Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 7Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 8Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
OPERATING CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
PV
CC = VCC = 12 V, Gain = 12 dB, TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Continuous output power at 10%
f = 1 kHz, RL = 8Ω
6.5
THD+N
PO
W
Continuous output power at 1%
f = 1 kHz, RL = 8Ω
5.0
THD+N
THD + N
Total harmonic distortion plus noise
PO = 3.25 W, RL = 8 Ω , f = 1 kHz
0.19%
BOM
Maximum output power bandwidth
THD = 1%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz, C(BYPASS) = 1 µF
70
dB
SNR
Signal-to-noise ratio
PO = 3.25 W, RL = 8 Ω
97
dB
86
µV(rms)
C(BYPASS) = 1 µF, f = 20 Hz to 22 kHz, No weighting
filter used
81
dBV
Vn
Noise output voltage
66
µV(rms)
C(BYPASS) = 1 µF, f = 20 Hz to 22 kHz, A-weighted
filter
84
dBV
Zi
Input impedance
See Table 2, page 14
>23
k
PV
CC = VCC = 18 V, Gain = 12 dB, TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD + N
Total harmonic distortion plus noise
PO = 3.25 W, RL = 8 Ω, f = 1 kHz
0.16%
BOM
Maximum output power bandwidth
THD = 1%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz, CBYPASS = 1 µF
70
dB
SNR
Signal-to-noise ratio
PO = 3.25 W, RL = 8Ω
97
dB
86
µV(rms)
C(BYPASS) = 1 µF, f = 20 Hz to 20 kHz, No weighting
filter used
81
dBV
Vn
Noise output voltage
66
µV(rms)
C(BYPASS) = 1 µF, f = 20 Hz to 22 kHz, A-weighted
filter
84
dBV
Zi
Input impedance
See Table 2, page 14
>23
k
5


Podobny numer części - TPA3007D1PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3007D1PWRG4 TI-TPA3007D1PWRG4 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWRG4 TI1-TPA3007D1PWRG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3007D1PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com