Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G3157 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LVC1G3157
Szczegółowy opis  2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LVC1G3157 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
9397 750 14524
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2005
3 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 3.
Pin configuration SC-88 and SC-74
Fig 4.
Pin configuration XSON6
3157
B1
S
GND
B0
A
001aac356
1
2
3
6
VCC
5
4
3157
A
VCC
S
B0
GND
B1
001aac357
34
25
16
Transparent top view
Table 4:
Pin description
Symbol
Pin
Description
B1
1
independent B1 input or output
GND
2
ground (0 V)
B0
3
independent B0 input or output
A
4
common A output or input
VCC
5
supply voltage
S
6
select input
Table 5:
Function table [1]
Input S
Channel on
LB0
HB1


Podobny numer części - 74LVC1G3157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G3157 NXP-74LVC1G3157 Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
176Kb / 25P
   2-channel analog multiplexer/demultiplexer
Rev. 4-6 December 2011
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Nexperia B.V. All right...
74LVC1G3157 NEXPERIA-74LVC1G3157 Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157-Q100 NEXPERIA-74LVC1G3157-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Podobny opis - 74LVC1G3157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com