Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC3GU04 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LVC3GU04
Szczegółowy opis  TRIPLE INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3GU04 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC3GU04 Datasheet HTML 3Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 4Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 9Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 10Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
9397 750 14546
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
7 of 16
Philips Semiconductors
74LVC3GU04
Triple inverter
[1]
All typical values are measured at nominal VCC and Tamb =25 °C.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
[3]
The condition is VI = GND to VCC.
13. Waveforms
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay
nA to nY
see Figure 6
VCC = 1.65 V to 1.95 V
0.5
-
6.3
ns
VCC = 2.3 V to 2.7 V
0.3
-
4.0
ns
VCC = 2.7 V
0.3
-
5.6
ns
VCC = 3.0 V to 3.6 V
0.3
-
4.5
ns
VCC = 4.5 V to 5.5 V
0.3
-
3.8
ns
Table 9:
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Measurement points are given in Table 10.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
Table 10:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× VCC
0.5
× VCC
2.3 V to 2.7 V
0.5
× V
CC
0.5
× V
CC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
mna344
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL


Podobny numer części - 74LVC3GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC3GU04 NXP-74LVC3GU04 Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
74LVC3GU04 NXP-74LVC3GU04 Datasheet
378Kb / 17P
   Triple inverter
Rev. 07-11 November 2009
logo
Nexperia B.V. All right...
74LVC3GU04 NEXPERIA-74LVC3GU04 Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
logo
NXP Semiconductors
74LVC3GU04DC NXP-74LVC3GU04DC Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
74LVC3GU04DC NXP-74LVC3GU04DC Datasheet
378Kb / 17P
   Triple inverter
Rev. 07-11 November 2009
More results

Podobny opis - 74LVC3GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com