Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM89516Q Arkusz danych(PDF) 7 Page - SyncMOS Technologies,Inc

Numer części SM89516Q
Szczegółowy opis  8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516Q Arkusz danych(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM89516Q Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516Q Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
7/19
Ver 1.3
PID 89516 05/01
SyncMOS Technologies Inc.
SM89516
Unused
Unused
Unused
Unused
P4.3
P4.2
P4.1
P4.0
*
*
*
*
1
1
1
1
Reset
value
MSB
LSB
port4 (P4, $D8)
The bit 3, bit 2, bit 1, bit 0 output the setting to pin P4.3, P4.2, P4.1, P4.0 respectively.
Port 4 for PLCC or QFP package:
The bit addressable port 4 is available with PLCC or QFP package. The port 4 has only 4 pins and its port
address is located at 0D8H. The function of port 4 is the same as the function of port 1, port 2 and port 3.
Extension Function Description
Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bit free-running counter that generate reset signal if the counter overflows. The WDT
is useful for systems which are susceptible to noise, power glitches, or electronics discharge which causing software dead
loop or runaway. The WDT function can help user software recover form abnormal software condition. The WDT is different
from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be done by software periodically clearing
the WDT counter.
The SM89516 WDT has selectable divider input for the time base source clock. To select the divider input, the setting of
bit2~bit0 (PS2~PS0) OF Watch Dog Timer Control Register (WDTC) should be set accordingly.
The WDT is enable by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter starts to count with
the selected time base source clock which set by PS2~PS0. It will generate a reset signal when overflows. The WDTE bit
will be cleared to 0 automatically when SM89516 been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the bit 5 (CLEAR) of WDTC. This will clear the content of the 16-bit counter and let
the counter re-start to count from the beginning.
SM89516 has 768 byte on-chip RAM which can be accessed by external memory addressing method only. (By
instruction MOVX). The address space of instruction MOVX @Rn is determined by bit 1 and bit 0 (RAMS1,
RAMS0) of RCON. The default setting of RAMS1, RAMS0 bits is 00 (page0).
RAMS1
RAMS0
MOVX @Ri i=0,1 mapping to expended RAM address
0
0
$0000 ~ $00FF
0
1
$0100 ~ $01FF
1
0
$0200 ~ $02FF


Podobny numer części - SM89516Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

Podobny opis - SM89516Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com