Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE778A Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE778A
Szczegółowy opis  Integrated Circuit Dual Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE778A Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE778A Datasheet HTML 1Page - NTE Electronics NTE778A Datasheet HTML 2Page - NTE Electronics NTE778A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE778A & NTE778SM
Integrated Circuit
Dual Operational Amplifier
Description:
The NTE778A (8–Lead DIP) and NTE778SM (SOIC–8 Surface Mount) are linear integrated circuits
designed for use as a summing amplifier, integrator, or amplifier with operating characteristics as a
function of the external feedback components.
Features:
D No Frequency Compensation Required
D Short–Circuit Protection
D Wide Common–Mode and Differential Voltage Ranges
D Low Power Consumption
D No Latch Up
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage, VCC, VEE
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Differential Voltage, VID
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Common Mode Voltage (Note 1), VICM
±15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short–Circuit Duration (Note 2), tS
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatue Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply
voltage.
Note 2. Supply voltage equal to or less than
±15V.
Electrical Characteristics: (TA = 0° to +70°C, VCC = +15V, VEE = –15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
RS ≤ 10kΩ
7.5
V
RS ≤ 10kΩ, TA = +25°C
2.0
6.0
V
Input Offset Current
IIO
300
nA
TA = +25°C
20
200
nA
Input Bias Current
IIB
800
nA
TA = +25°C
80
500
nA


Podobny numer części - NTE778A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE77 NTE-NTE77 Datasheet
23Kb / 2P
   Silicon NPN Transistor Broadband CATV Driver
More results

Podobny opis - NTE778A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE947 NTE-NTE947 Datasheet
29Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE891M NTE-NTE891M Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE949 NTE-NTE949 Datasheet
28Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier/Preamplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com