Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS8896 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDS8896
Szczegółowy opis  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8896 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FDS8896 Datasheet HTML 2Page - Fairchild Semiconductor FDS8896 Datasheet HTML 3Page - Fairchild Semiconductor FDS8896 Datasheet HTML 4Page - Fairchild Semiconductor FDS8896 Datasheet HTML 5Page - Fairchild Semiconductor FDS8896 Datasheet HTML 6Page - Fairchild Semiconductor FDS8896 Datasheet HTML 7Page - Fairchild Semiconductor FDS8896 Datasheet HTML 8Page - Fairchild Semiconductor FDS8896 Datasheet HTML 9Page - Fairchild Semiconductor FDS8896 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8896 Rev. B
www.fairchildsemi.com
6
Figure 11.
0.90
0.95
1.00
1.05
1.10
TJ, JUNCTION TEMPERATURE (oC)
ID = 250µA
-80
-40
0
40
80
120
160
Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 12.
100
1000
0.1
1
10
30
5000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs Drain to Source
Voltage
Figure 13.
0
2
4
6
8
10
0
1020
3040
50
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 15A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:
Gate Charge Waveforms for Constant
Gate Currents
Figure 14. Forward Bias Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
10s
1s
100ms
10ms
1ms
100us
VDS, DRAIN to SOURCE VOLTAGE (V)
200
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Typical Characteristics T
J = 25°C unless otherwise noted


Podobny numer części - FDS8896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8896 FAIRCHILD-FDS8896 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896 Datasheet
644Kb / 12P
   N-Channel PowerTrench MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results

Podobny opis - FDS8896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com