Zakładka z wyszukiwarką danych komponentów |
|
IKB06N60T Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers |
|
IKB06N60T Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 14 page IKB06N60T TrenchStop series IKP06N60T ^ Power Semiconductors 5 Rev. 2 Oct-04 100Hz 1kHz 10kHz 100kHz 0A 3A 6A 9A 12A 15A 18A T C=110°C T C=8 0°C 1V 10V 100V 1000V 0,1A 1A 10A 5µs DC 10µs t p=1µs 50µs 5ms 500µs f, SWITCHING FREQUENCY VCE, COLLECTOR-EMITTER VOLTAGE Figure 1. Collector current as a function of switching frequency (Tj ≤ 175°C, D = 0.5, VCE = 400V, VGE = 0/+15V, RG = 23 Ω) Figure 2. Safe operating area (D = 0, TC = 25 °C, Tj ≤175°C;VGE=15V) 25°C 50°C 75°C 100°C 125°C 150°C 0W 20W 40W 60W 80W 25°C 75°C 125°C 0A 5A 10A 15A TC, CASE TEMPERATURE TC, CASE TEMPERATURE Figure 3. Power dissipation as a function of case temperature (Tj ≤ 175°C) Figure 4. Collector current as a function of case temperature (VGE ≥ 15V, Tj ≤ 175°C) Ic Ic |
Podobny numer części - IKB06N60T |
|
Podobny opis - IKB06N60T |