Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE801 Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE801
Szczegółowy opis  Integrated Circuit FM Stereo Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE801 Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE801 Datasheet HTML 1Page - NTE Electronics NTE801 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE801
Integrated Circuit
FM Stereo Demodulator
Description:
The NTE801 is a monolithic device in a 14–Lead DIP type package designed for use in solid–state
stereo receivers.
Features:
D Requires No Inductors
D Low External Part Count
D Only Oscillator Frequency Adjustment Necessary
D Integral Stereo/Monaural Switch 75mA Lamp Driving Capability
D Wide Dynamic Range: 0.5 to 2.8V(p–p) Composite Input Signal
D Wide Supply Range: 8V to 14V
D Excellent Channel Separation Maintained Over Entire Audio Frequency Range
D Low Distortion: Typically 0.3% THD at 560mV (RMS) Composite Input Signal
D Excellent SCA Rejection
Absolute Maximum Ratings: (TA = +25° unless otherwise specified)
Power Supply Voltage
14V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lamp Current
75mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package Limitation)
625mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = +25°C
5.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn