Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE801 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE801
Szczegółowy opis  Integrated Circuit FM Stereo Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE801 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE801 Datasheet HTML 1Page - NTE Electronics NTE801 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics:
(VCC = +12V, TA = +25°C, Vin = 560mVRMS (2.8V(P–P)), fm = 1kHz
(L or R only), Pilot Level = 100mV(RMS) (10%), unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Maximum Standard Composite Input Signal
THD = 0.5%
2.8
VP–P
Maximum Monaural Input Signal
THD = 1.0%
2.8
VP–P
Input Impedance
Pin2
20
50
k
Stereo Channel Separation
30
40
dB
Audio Output Voltage
Desired Channel
485
mVrms
Monaural Channel Balance
Pilot Level = 0V
1.5
dB
Total Harmonic Distortion
< 0.3
%
Ultrasonic Frequency Rejection
19kHz
34.4
dB
38kHz
45
dB
SCA Rejection
67kHz, No Modulation, Measured 9kHz Beat
75
dB
Stereo Switch Level
Pilot Only, Lamp ON
18
23
mVrms
Pilot Only, Lamp OFF
5.0
10
mVrms
Capture Range
Permissible Tuning Error
3.5
%
Supply Current
Lamp OFF
13
mA
Pin Connection Diagram
19kHz Loop Filter
1
2
3
4
Input
Audio Amp Output
Left Ch Output
5
Right Ch Output
6
Lamp Indicator
7
GND
14
13
12
11
OSC RC Network
19kHz Loop Filter
Demodulator Input
10 19kHz Output
9
Stereo Switch Filter
8
Stereo Switch Filter
VCC
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Html Pages

1  2 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn