Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE807 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE807
Szczegółowy opis  Integrated Circuit TV Sound Channel, 1W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE807 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE807 Datasheet HTML 1Page - NTE Electronics NTE807 Datasheet HTML 2Page - NTE Electronics NTE807 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Static Electrical Characteristics: (TA = +25°C, VCC = 14V unless otherwise specified)
Parameter
Symbol Test Pin
Test Conditions
Min
Typ
Max
Unit
Quiescent Supply Current
ICC
8
Vin = 0
20
35
55
mA
Terminal Voltage
V2
2
5.0
V
V3
3
2.5
V
VOUT
7
7.0
V
VREG
9
7.0
8.0
9.0
V
VIN
10,11
1.4
V
V14,15
14,15
4.1
V
V16
16
4.5
V
Dynamic Electrical Characteristics: (@ TA = 25°C, VCC = 14V, fo = 4.5MHz, fm = 400Hz,
∆f = 25kHz, V
in = 10mV, unless otherwise indicated)
Parameter
Symbol
Test Pin
Test Conditions
Min
Typ
Max
Unit
Input Limiting Threshold
VTH
7
Note 1
150
µV
AM Rejection
AMR
7
Note 2, m = 0.3
30
>50
dB
Recovered Audio
VOUT
16
250
400
550
mV
Output Distortion
THDD
16
<1.0 3.0
%
Playthrough
7
V1 = 0V
5.0
25
mV
Power Amp Voltage Gain
Ae
3–7
Vout = 1.0V
25
27
29
dB
Output Distortion
THDD
7
POUT = 1.0W
2.0
10
%
Output Current Limiting
IOUT
7
RL = 0Ω
800
mA
Output Tracking
VOUT/VCC
7/8
VCC = 10V to 18V
0.5
V/V
Output Noise
en
7
Vin = 0V, V1 = 10V
5.0
25
mV
Power Amp Input Impedance
Zin
3
f = 1.0kHz
50
k
Note 1.,Adjust V1 for Vout = 1.4V, then reduce Vin until Vout = 1.0V (–3dB)
Note 2. Adjust V1 for Vout = 1.4V


Podobny numer części - NTE807

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
NTE8070 NTE-NTE8070 Datasheet
55Kb / 1P
   Thermal Cutoff
NTE8076 NTE-NTE8076 Datasheet
55Kb / 1P
   Thermal Cutoff
More results

Podobny opis - NTE807

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
   Integrated Circuit TV Sound Channel, 2W
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
   Integrated Circuit TV Sound Circuit
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
   Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1633 NTE-NTE1633 Datasheet
29Kb / 4P
   Integrated Circuit TV Sound Channel w/DC Controls
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com