Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7120DN Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI7120DN
Szczegółowy opis  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7120DN Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI7120DN Datasheet HTML 1Page - Vishay Siliconix SI7120DN Datasheet HTML 2Page - Vishay Siliconix SI7120DN Datasheet HTML 3Page - Vishay Siliconix SI7120DN Datasheet HTML 4Page - Vishay Siliconix SI7120DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance
D PowerPAKr 1212-8 Package with
Low 1.07-mm Profile
D 100% Rg Tested
APPLICATIONS
D Primary Side Switch
D Synchronous Rectification
RoHS
COMPLIANT
Available
Si7120DN
Vishay Siliconix
Document Number: 72771
S-51128—Rev. D, 13-Jun-05
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
60
0.019 @ VGS = 10 V
10
60
0.028 @ VGS = 4.5 V
8.2
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
N-Channel MOSFET
G
D
S
Ordering Information: Si7120DN-T1
Si7120DN-T1—E3 (Lead (Pb)-Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
10
6.3
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
8.0
5.1
A
Pulsed Drain Current
IDM
40
A
Continuous Source Current (Diode Conduction)a
IS
3.2
1.3
Single Avalanche Current
L = 0 1 mH
IAS
22
Single Avalanche Energy
L = 0.1 mH
EAS
24
mJ
Maximum Power Dissipationa
TA = 25_C
PD
3.8
1.5
W
Maximum Power Dissipationa
TA = 70_C
PD
2.4
1.0
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Soldering Recommendations (Peak Temperature)b,c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
26
33
Maximum Junction-to-Ambienta
Steady State
RthJA
65
81
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Solder Profile (http://www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Podobny numer części - SI7120DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7120DN-T1-E3 VISHAY-SI7120DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. E, 17-Mar-08
SI7120DN-T1-GE3 VISHAY-SI7120DN-T1-GE3 Datasheet
538Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. E, 17-Mar-08
More results

Podobny opis - SI7120DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com