Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GCBC040-1B Arkusz danych(PDF) 13 Page - ALPS ELECTRIC CO.,LTD.

Numer części GCBC040-1B
Szczegółowy opis  Current sensor for PW Board mounting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPS [ALPS ELECTRIC CO.,LTD.]
Strona internetowa  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

GCBC040-1B Arkusz danych(HTML) 13 Page - ALPS ELECTRIC CO.,LTD.

Back Button GCBC040-1B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 16Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Product Name
Current Sensor
Part No.
GCBC040-1B
Attention: Modifications on specification, size, etc., may be carried out for improvement without notice.
Rev1.5 e EC
28 March. 2017
Page:13/16
ALPS ELECTRIC CO., LTD.
(6) Response Time
Fig.8-2 shows the response time of output (dT) when primary current is square wave which have
40A/us rise/fall time. Response time is defined as the time between 80% change point of input wave
and output.
Fig.8-2 Response Time
(7) Current Consumption
The bus bar rating pass an electric current this current consumption measure.
(8) Isolation Voltage
750V in the AC voltage, 50Hz, and 60sec are impressed to the bus bar with the control terminal
batch under.
(9) Insulation Resistance
It measures between the control terminal batch and the bus bar with Meg ohm meter (DC500V)
under the standard condition.
(10) Hysteresis
Absolute value of the difference of the output when the primary current is 0A between after rated
positive primary current is added and negative one is added.
80%
80%
dT


Podobny numer części - GCBC040-1B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ALPS ELECTRIC CO.,LTD.
GCBC050-2B ALPS-GCBC050-2B Datasheet
731Kb / 16P
   Current sensor for PW Board mounting
More results

Podobny opis - GCBC040-1B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ALPS ELECTRIC CO.,LTD.
GCBC050-2B ALPS-GCBC050-2B Datasheet
731Kb / 16P
   Current sensor for PW Board mounting
GCBC100-2B ALPS-GCBC100-2B Datasheet
726Kb / 16P
   Current sensor for PW Board mounting
logo
PHOENIX CONTACT
1055768 PHOENIX-1055768 Datasheet
343Kb / 5P
   FLANGE-M23PRO-PW - Square mounting flange
logo
MultiDimension Technolo...
TMR7555-D MULTIDIMENSION-TMR7555-D Datasheet
572Kb / 8P
   Board Mount Precision Current Sensor
Version 1.0
logo
List of Unclassifed Man...
PCH330 ETC2-PCH330 Datasheet
220Kb / 1P
   SOCKETS FOR CIRCUIT BOARD MOUNTING
logo
Schneider Electric
XSZBE00 SCHNEIDER-XSZBE00 Datasheet
107Kb / 2P
   accessory for sensor - clip mounting plate
XSZBC00 SCHNEIDER-XSZBC00 Datasheet
108Kb / 2P
   accessory for sensor - clip mounting plate
logo
Sangdest Microelectroni...
153CMQ SMC-153CMQ Datasheet
278Kb / 4P
   Multiple leads per terminal for high frequency, high current PC board mounting
logo
Shanghai Leiditech Elec...
KBP301 LEIDITECH-KBP301 Datasheet
1Mb / 2P
   Ideal for printed circuit board mounting
logo
Crydom Inc.,
PB8 CRYDOM-PB8 Datasheet
357Kb / 3P
   MOUNTING BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com