Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HSCDTD008A Arkusz danych(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Numer części HSCDTD008A
Szczegółowy opis  Geomagnetic Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPS [ALPS ELECTRIC CO.,LTD.]
Strona internetowa  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCDTD008A Arkusz danych(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSCDTD008A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
FUNCTIONAL SPECIFICATIONS (Continued)
Offset calibration function
-This function is enable when the control register (CNTL3:OCL) was set to Hi during the Force State.
-The offset value for inner ADC output is calculated with the measured sensor offset, and then
set compensation values for the amplitude offset and also the digital offset automatically.
-The OCL bit is changed to be low after updating the compensation offset value, and then the status
is back to before measurement.
Offset drift function
-This function can make the digital compensation output that is add with values wrote by
the host CPU on the offset drift register (OFFX,OFFY,OFFZ).
-Offset drift values can be set with 15bit signed value.
Temperature Measurement and Compensation Function
- The temperature measurement function will be executed when the register command TCS is set "1"
during the Force State. After measurement, TCS bit change to "0" and back to before measurement.
-The measurement result is wet on the temperature value register (TEMP).
-Sensor output values are compensated with the temperature value register(TEMP)
-After temperature measurement, the status register TRDY (STAT1) change to"1". This register is
cleared by reading the TEMP register. And the status of temperature measurement Active/inactive can be
output on the external DRDY Pin with setting the bit DRTS at the control register CTRL2.
Geomagnetic Sensor
9 / 32
HSCDTD008A
Rev.2.5
Aug. 2016
Confidential
オフセットドリフト値
センサ出力値
センサ出力値
オフセットドリフト値
Sensor
Output
value
+
Sensor
Output
value
offset
drift
value


Podobny numer części - HSCDTD008A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Honeywell Solid State E...
HSCDAND001PDAA3 HONEYWELL-HSCDAND001PDAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAA5 HONEYWELL-HSCDAND001PDAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB3 HONEYWELL-HSCDAND001PDAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB5 HONEYWELL-HSCDAND001PDAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Podobny opis - HSCDTD008A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com