Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT5047BF Arkusz danych(PDF) 8 Page - Richtek Technology Corporation

Numer części RT5047BF
Szczegółowy opis  Single Output LNB Supply and Control Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047BF Arkusz danych(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5047BF Datasheet HTML 4Page - Richtek Technology Corporation RT5047BF Datasheet HTML 5Page - Richtek Technology Corporation RT5047BF Datasheet HTML 6Page - Richtek Technology Corporation RT5047BF Datasheet HTML 7Page - Richtek Technology Corporation RT5047BF Datasheet HTML 8Page - Richtek Technology Corporation RT5047BF Datasheet HTML 9Page - Richtek Technology Corporation RT5047BF Datasheet HTML 10Page - Richtek Technology Corporation RT5047BF Datasheet HTML 11Page - Richtek Technology Corporation RT5047BF Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT5047BF
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5047BF-00
December
2017
8
Typical Operating Characteristics
Boost Efficiency vs. Output Current
60
65
70
75
80
85
90
95
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Output Current (A)
VIN = 12V, VBOOST = 14.3V
System Efficiency vs. Output Current
60
65
70
75
80
85
90
95
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Output Current (A)
VIN = 12V, VBOOST = 14.3V, VLNB = 13.3V
Tone Amplitude vs. Temperature
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VLNB = 13.3V, TONE enable
Tone Amplitude vs. Output Current
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current (A)
VIN = 12V, VLNB = 13.3V, TONE enable
Output Voltage v.s Temperature
12
13
14
15
16
17
18
19
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V
VLNB_18.3
VLNB_13.3
Output Voltage vs. Output Current
12
13
14
15
16
17
18
19
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Output Current (A)
VLNB_13.3V
VIN = 12V
VLNB_ 18.3V


Podobny numer części - RT5047BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
More results

Podobny opis - RT5047BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com