Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM366S1623DTL Arkusz danych(PDF) 7 Page - Samsung semiconductor

Numer części KMM366S1623DTL
Szczegółowy opis  PC66 Unbuffered DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623DTL Arkusz danych(HTML) 7 Page - Samsung semiconductor

Back Button KMM366S1623DTL Datasheet HTML 2Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 3Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 4Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 5Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 6Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 7Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 8Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 9Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PC66 Unbuffered DIMM
KMM366S1623DTL
REV. 0.0 July 1999
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
3.3V
1200
870
Output
50pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
- 0
Row active to row active delay
tRRD(min)
20
ns
1
RAS to CAS delay
tRCD(min)
24
ns
1
Row precharge time
tRP(min)
24
ns
1
Row active time
tRAS(min)
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
80
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,5
Last data in to Active delay
tDAL(min)
2 CLK + 20 ns
-
5
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output data
CAS latency=3
2
ea
4
CAS latency=2
1
Notes : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. For -0, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
SAMSUNG recommends tRDL=2CLK and tDAL=2CLK + 20ns.


Podobny numer części - KMM366S1623DTL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G0 SAMSUNG-KMM366S1623AT-G0 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G2 SAMSUNG-KMM366S1623AT-G2 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G8 SAMSUNG-KMM366S1623AT-G8 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
More results

Podobny opis - KMM366S1623DTL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com