Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3322 Arkusz danych(PDF) 2 Page - Hitachi Semiconductor

Numer części 2SC3322
Szczegółowy opis  Silicon NPN Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3322 Arkusz danych(HTML) 2 Page - Hitachi Semiconductor

  2SC3322 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC3322
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter sustain
voltage
V
CEO(sus)
800
V
I
C = 0.2 A, RBE = ∞, L = 100
mH
V
CEX(sus)
800
V
I
C = 4 A, IB1 = 1.5 A, IB2 = –0.8
A, V
BE = –5.0 V, L = 180 µH,
Clamped
Emitter to base breakdown
voltage
V
(BR)EBO
7—
V
I
E = 10 mA, IC = 0
Collector cutoff current
I
CBO
100
µA
V
CB = 750 V, IE = 0
I
CEO
100
µA
V
CE = 650 V, RBE = ∞
DC current transfer ratio
h
FE1
15
V
CE = 5 V, IC = 0.5 A*
1
h
FE2
7—
V
CE = 5 V, IC = 3 A*
1
Collector to emitter saturation
voltage
V
CE(sat)
1.0
V
I
C = 1.5 A, IB = 0.3 A*
1
Base to emitter saturation
voltage
V
BE(sat)
1.5
V
Turn on time
t
on
1.0
µs
I
C = 3 A, IB1 = 0.6 A,
I
B2 = –1.5 A, VCC ≅ 250 V
Storage time
t
stg
3.0
µs
Fall time
t
f
1.0
µs
Note:
1. Pulse test


Podobny numer części - 2SC3322

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
2SC3322 ETC1-2SC3322 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Savantic, Inc.
2SC3322 SAVANTIC-2SC3322 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3322 ISC-2SC3322 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3322 SAVANTIC-2SC3322 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SC3322

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com