Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5425YRM-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD5425YRM-REEL
Szczegółowy opis  8-Bit, High Bandwidth Multiplying DAC with Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5425YRM-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  AD5425YRM-REEL Datasheet HTML 1Page - Analog Devices AD5425YRM-REEL Datasheet HTML 2Page - Analog Devices AD5425YRM-REEL Datasheet HTML 3Page - Analog Devices AD5425YRM-REEL Datasheet HTML 4Page - Analog Devices AD5425YRM-REEL Datasheet HTML 5Page - Analog Devices AD5425YRM-REEL Datasheet HTML 6Page - Analog Devices AD5425YRM-REEL Datasheet HTML 7Page - Analog Devices AD5425YRM-REEL Datasheet HTML 8Page - Analog Devices AD5425YRM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD5425*
8-Bit, High Bandwidth
Multiplying DAC with Serial Interface
FEATURES
2.5 V to 5.5 V Supply Operation
50 MHz Serial Interface
8-Bit (Byte Load) Serial Interface, 6 MHz Update Rate
10 MHz Multiplying Bandwidth
10 V Reference Input
Low Glitch Energy < 2 nV-s
Extended Temperature Range –40 C to +125 C
10-Lead MSOP Package
Guaranteed Monotonic
4-Quadrant Multiplication
Power On Reset with Brownout Detection
LDAC Function
0.4
A Typical Power Consumption
APPLICATIONS
Portable Battery-Powered Applications
Waveform Generators
Analog Processing
Instrumentation Applications
Programmable Amplifiers and Attenuators
Digitally-Controlled Calibration
Programmable Filters and Oscillators
Composite Video
Ultrasound
Gain, Offset, and Voltage Trimming
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD5425 is a CMOS 8-bit current output digital-to-analog
converter that operates from a 2.5 V to 5.5 V power supply,
making it suited to battery-powered applications and many
other applications.
This DAC utilizes a double buffered 3-wire serial interface that
is compatible with SPI
®, QSPI™, MICROWIRE™, and most
DSP interface standards. In addition, an
LDAC pin is provided,
which allows simultaneous update in a multi-DAC configuration.
On power-up, the internal shift register and latches are filled
with 0s and the DAC outputs are at 0 V.
As a result of processing on a CMOS submicron process, this
DAC offers excellent 4-quadrant multiplication characteristics,
with large signal multiplying bandwidths of 10 MHz.
The applied external reference input voltage (VREF) determines
the full-scale output current. An integrated feedback resistor (RFB)
provides temperature tracking and full-scale voltage output
when combined with an external I-to-V precision amplifier.
The AD5425 DAC is available in a small 10-lead MSOP package.
SCLK
SYNC
AD5425
VREF
IOUT2
IOUT1
RFB
R
8-BIT
R-2R DAC
DAC REGISTER
SDIN
VDD
GND
POWER-ON
RESET
LDAC
CONTROL LOGIC AND
INPUT SHIFT REGISTER
INPUT LATCH
*Protected by U.S. Patent No. 5,969,657; other patents pending.


Podobny numer części - AD5425YRM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5425YRM-REEL AD-AD5425YRM-REEL Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425YRM-REEL7 AD-AD5425YRM-REEL7 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
More results

Podobny opis - AD5425YRM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425YRMZ AD-AD5425YRMZ Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com