Zakładka z wyszukiwarką danych komponentów |
|
AD8354 Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD8354 Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 16 page REV. A –2– AD8354–SPECIFICATIONS (VS = 3 V, TA = 25 C, 100 nH external inductor between VOUT and VPOS, ZO = 50 , unless otherwise noted.) Parameter Conditions Min Typ Max Unit OVERALL FUNCTION Frequency Range 0.1 2.7 GHz Gain f = 900 MHz 19.5 dB f = 1.9 GHz 18.6 dB f = 2.7 GHz 17.1 dB Delta Gain f = 900 MHz, –40 °C ≤ TA ≤ +85°C –0.97 dB f = 1.9 GHz, –40 °C ≤ T A ≤ +85°C –1.05 dB f = 2.7 GHz, –40 °C ≤ T A ≤ +85°C –1.33 dB Gain Supply Sensitivity VPOS ± 10%, f = 900 MHz 0.54 dB/V f = 1.9 GHz 0.37 dB/V f = 2.7 GHz 0.2 dB/V Reverse Isolation (S12)f = 900 MHz –33.5 dB f = 1.9 GHz –38 dB f = 2.7 GHz –32.9 dB RF INPUT INTERFACE Pin RFIN Input Return Loss f = 900 MHz 24.4 dB f = 1.9 GHz 23 dB f = 2.7 GHz 12.7 dB RF OUTPUT INTERFACE Pin VOUT Output Compression Point f = 900 MHz, 1 dB compression 4.6 dBm f = 1.9 GHz 3.7 dBm f = 2.7 GHz 2.7 dBm Delta Compression Point f = 900 MHz, –40 °C ≤ TA ≤ +85°C 0.7 dB f = 1.9 GHz, –40 °C ≤ T A ≤ +85°C 0.7 dB f = 2.7 GHz, –40 °C ≤ T A ≤ +85°C 0.8 dB Output Return Loss f = 900 MHz 23.6 dB f = 1.9 GHz 16.5 dB f = 2.7 GHz 14.6 dB DISTORTION/NOISE Output Third Order Intercept f = 900 MHz, f = 1 MHz, PIN = –28 dBm 19 dBm f = 1.9 GHz, f = 1 MHz, PIN = –28 dBm 16 dBm f = 2.7 GHz, f = 1 MHz, PIN = –28 dBm 14.2 dBm Output Second Order Intercept f = 900 MHz, f = 1 MHz, PIN = –28 dBm 29.7 dBm Noise Figure f = 900 MHz 4.2 dB f = 1.9 GHz 4.8 dB f = 2.7 GHz 5.4 dB POWER INTERFACE Pin VPOS Supply Voltage 2.7 3 3.3 V Total Supply Current 16 23 31 mA Supply Voltage Sensitivity 6.2 mA/V Temperature Sensitivity –40 °C ≤ TA ≤ +85°C33 µA/°C Specifications subject to change without notice. |
Podobny numer części - AD8354 |
|
Podobny opis - AD8354 |