Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3082 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM3082
Szczegółowy opis  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3082 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM3082 Datasheet HTML 1Page - Analog Devices ADM3082 Datasheet HTML 2Page - Analog Devices ADM3082 Datasheet HTML 3Page - Analog Devices ADM3082 Datasheet HTML 4Page - Analog Devices ADM3082 Datasheet HTML 5Page - Analog Devices ADM3082 Datasheet HTML 6Page - Analog Devices ADM3082 Datasheet HTML 7Page - Analog Devices ADM3082 Datasheet HTML 8Page - Analog Devices ADM3082 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADM3082/ADM3085/ADM3088
–3–
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 SPECIFICATIONS (continued)
DCELECTRICALCHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
RECEIVER
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Receiver Differential Threshold
–200
–125
–50
m V
–7V
VCM
12V
Voltage, VTH
Receiver Input Hysteresis,
VTH
25
m V
Receiver Output High Voltage, VOH
VCC –1 .5
V
IO = -4mA, VID = -50mV
Receiver Output Low Voltage, VOL
0.4
V
IO = 4mA, VID = -200mV
Three-State Output Current at
± 1
µ A
0.4V
VO
2.4V
Receiver, IOZR
Receiver Input Resistance, RIN
96
k
–7V
VCM
12V
Receiver Output Short-Circuit
± 7
±95
m A
0V
VRO
VCC
Current, IOSR
SUPPLY CURRENT
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Supply Current, ICC
430
900
µ A
No load,
RE = DI = GND or V
CC,
DE = VCC
375
600
µ A
No load,
RE = DI = GND or VCC,
DE = GND
Supply Current in
0.001
10
µ A
DE = GND, VRE = VCC
Shutdown Mode, ISHDN
ESD Protection for Y, Z, A, B
±15
k V
Human Body Model
NOTES
1All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device ground unless otherwise noted.
2
DO and
VCC are the changes in VOD and VOC, respectively, when the DI input changes state.
3Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level applies during current limiting.
REV. PrA 02/02


Podobny numer części - ADM3082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

Podobny opis - ADM3082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com