Zakładka z wyszukiwarką danych komponentów |
|
ADM3088JR Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADM3088JR Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 14 page ADM3082/ADM3085/ADM3088 –8 – PRELIMINARY TECHNICAL DATA ABSOLUTE MAXIMUM RATINGS Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . +7V Logic Input Voltage . . . . . . . . . . . . –0.3V to (VCC+0.3V) Driver Output Voltage (A, B) . . . . . . . . . . . . . . . . . . ±13V Receiver Input Voltage (A, B) . . . . . . . . . . . . . . . . . . ±13V Receiver Input Voltage, Full Duplex (A, B) . . . . . . ±13V Receiver Output Voltage (RO) . . . –0.3V to (VCC+0.3V) Continuous Power Dissipation 8-Pin Plastic DIP (derate 9.09mW/ oC above +70oC) . . . . . . . . . . . 727mW 8-Pin Plastic SO (derate 5.88mW/oC above +70oC) . . . . . . . . . . . 471mW Maximum Junction Temperature (TJmax) . . . . . . . 150 °C Storage Temperature Range . . . . . . . . . –65°C to +150°C Lead Temperature, Soldering Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . +215°C Infra-Red 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . +200°C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL CHARACTERISTICS 8-Pin Plastic DIP Package θ JA = tbd K/Watt, θJC = tbd K/Watt 8-Pin Plastic SO Package θ JA = tbd K/Watt, θ JC = tbd K/Watt PIN CONFIGURATION AD M 3 0 88/ AD M 3 0 85/ AD M 3 0 8 8 T O P VIEW (No t to S cale) RO RE DE DI V CC B A GND 1 2 3 4 8 7 6 5 ORDERING INFORMATION Model Temperature Range Package Option ADM3082JN 0°C to +70°C 8 Pin Plastic DIP ADM3082JR 0°C to +70°C 8 Pin SO ADM3082AN –40°C to +85°C 8 Pin Plastic DIP ADM3082AR –40°C to +85°C 8 Pin SO ADM3085JN 0°C to +70°C 8 Pin Plastic DIP ADM3085JR 0°C to +70°C 8 Pin SO ADM3085AN –40°C to +85°C 8 Pin Plastic DIP ADM3085AR –40°C to +85°C 8 Pin SO ADM3088JN 0°C to +70°C 8 Pin Plastic DIP ADM3088JR 0°C to +70°C 8 Pin SO ADM3088AN –40°C to +85°C 8 Pin Plastic DIP ADM3088AR –40°C to +85°C 8 Pin SO ADM3082/ADM3085/ADM3088TYPICALPERFORMANCECHARACTERISTICS AW A IT IN G D A TA TPC1. No-load Supply Current vs. Temperature AW A IT IN G D A TA TPC2. Output Current vs. Receiver Out- put High Voltage AW A IT IN G D A TA TPC3. Output Current vs. Receiver Out- put Low Voltage REV. PrA 02/02 |
Podobny numer części - ADM3088JR |
|
Podobny opis - ADM3088JR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |