Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN7024 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN7024
Szczegółowy opis  675mW CMOS Mono Power Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7024 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7024 Datasheet HTML 4Page - Fairchild Semiconductor FAN7024 Datasheet HTML 5Page - Fairchild Semiconductor FAN7024 Datasheet HTML 6Page - Fairchild Semiconductor FAN7024 Datasheet HTML 7Page - Fairchild Semiconductor FAN7024 Datasheet HTML 8Page - Fairchild Semiconductor FAN7024 Datasheet HTML 9Page - Fairchild Semiconductor FAN7024 Datasheet HTML 10Page - Fairchild Semiconductor FAN7024 Datasheet HTML 11Page - Fairchild Semiconductor FAN7024 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FAN7024
8
Performance Characteristics (Continued)
Figure 13. THD+N vs. Frequency
Figure 14. THD+N vs. Frequency
Figure 15. THD+N vs. Frequency
Figure 16. THD+N vs. Frequency
Figure 17. THD+N vs. Frequency
Figure 18. THD+N vs. Frequency
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=3.3V
R
L=8Ω
Po=250mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=3.3V
R
L=8Ω
Po=250mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=3.3V
R
L=16Ω
Po=200mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=3.3V
R
L=16Ω
Po=200mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=3.3V
R
L=32Ω
Po=100mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=3.3V
R
L=32Ω
Po=100mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=2.6V
R
L=8Ω
Po=125mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=2.6V
R
L=8Ω
Po=125mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=2.6V
R
L=16Ω
Po=100mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=2.6V
R
L=16Ω
Po=100mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=2.6V
R
L=32Ω
Po=75mW
BW < 80kHz
Frequency (Hz)
0.01
0.1
1
10
20
20k
50
100
200
500
1k
2k
5k
10k
VDD=2.6V
R
L=32Ω
Po=75mW
BW < 80kHz


Podobny numer części - FAN7024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN7021 FAIRCHILD-FAN7021 Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7021M FAIRCHILD-FAN7021M Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7023 FAIRCHILD-FAN7023 Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
FAN7023M FAIRCHILD-FAN7023M Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
FAN7023MPX FAIRCHILD-FAN7023MPX Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
More results

Podobny opis - FAN7024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
   Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
logo
Global Mixed-mode Techn...
G1445 GMT-G1445 Datasheet
477Kb / 1P
   2.6W Mono Audio Amplifier with Shutdown Mode
G1442 GMT-G1442 Datasheet
848Kb / 1P
   2.6W Mono Audio Amplifier with Shutdown Mode
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
logo
Fairchild Semiconductor
FAN7023 FAIRCHILD-FAN7023 Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com