Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RSBDC3330Z300K Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części RSBDC3330Z300K
Szczegółowy opis  RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.33 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBDC3330Z300K Arkusz danych(HTML) 1 Page - Kemet Corporation

  RSBDC3330Z300K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: RSBDC3330Z300K
RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.33 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.2mm
H
7.5mm +0.1mm
T
3.5mm +0.2mm
S
5mm +/-0.4mm
LL
17mm +1/-2mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 3000
General Information
Supplier: KEMET
Series: RSB
Dielectric: Metallized Polyester Stacked
Style: Radial
Features: Automotive Grade, DC
Multipurpose Applications
RoHS: Yes
Lead: Wire Leads
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 0.33 uF
Capacitance Tolerance: 10%
Voltage AC: 40 VAC
Voltage DC: 63 VDC
Temperature Range: -55/+125C
Rated Temperature: 85C
Dissipation Factor: 0.80% 1kHz, 1.20% 10kHz
Insulation Resistance: 15 GOhms
Max dV/dt: 250 V/us
Inductance: 7 nH
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/31/2018 - 3cd2d051-de33-4b9e-a3ac-a2bd0f5b9fce


Podobny numer części - RSBDC3330Z300K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
RSBDC3100AA00K KEMET-RSBDC3100AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3100AA30J KEMET-RSBDC3100AA30J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
RSBDC3100AA30K KEMET-RSBDC3100AA30K Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
RSBDC3100AA30M KEMET-RSBDC3100AA30M Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
More results

Podobny opis - RSBDC3330Z300K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
RSBEC3330Z300K KEMET-RSBEC3330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.33 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBDC3220Z310K KEMET-RSBDC3220Z310K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.22 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3220AA10K KEMET-RSBDC3220AA10K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.22 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3100AA00K KEMET-RSBDC3100AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3680Z310K KEMET-RSBDC3680Z310K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.68 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3150AA00K KEMET-RSBDC3150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.15 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC4100Z310K KEMET-RSBDC4100Z310K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3680AA10K KEMET-RSBDC3680AA10K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.68 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC4100AA10K KEMET-RSBDC4100AA10K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
RSBDC3470AA10K KEMET-RSBDC3470AA10K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.47 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com