Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NV25M01 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części NV25M01
Szczegółowy opis  EEPROM Serial 1-Mb SPI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25M01 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button NV25M01_18 Datasheet HTML 6Page - ON Semiconductor NV25M01_18 Datasheet HTML 7Page - ON Semiconductor NV25M01_18 Datasheet HTML 8Page - ON Semiconductor NV25M01_18 Datasheet HTML 9Page - ON Semiconductor NV25M01_18 Datasheet HTML 10Page - ON Semiconductor NV25M01_18 Datasheet HTML 11Page - ON Semiconductor NV25M01_18 Datasheet HTML 12Page - ON Semiconductor NV25M01_18 Datasheet HTML 13Page - ON Semiconductor NV25M01_18 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NV25M01
www.onsemi.com
10
Hold Operation
The HOLD input can be used to pause communication
between host and NV25M01. To pause, HOLD must be
taken low while SCK is low (Figure 11). During the hold
condition the device must remain selected (CS low). During
the pause, the data output pin (SO) is tri−stated (high
impedance) and SI transitions are ignored. To resume
communication, HOLD must be taken high while SCK is
low.
Design Considerations
The NV25M01 device incorporates Power−On Reset
(POR) circuitry which protects the internal logic against
powering up in the wrong state. The device will power up
into Standby mode after VCC exceeds the POR trigger level
and will power down into Reset mode when VCC drops
below the POR trigger level. This bi−directional POR
behavior protects the device against ‘brown−out’ failure
following a temporary loss of power.
The NV25M01 device powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued prior any writes to the device.
After power up, the CS pin must be brought low to enter
a ready state and receive an instruction. After a successful
byte/page write or status register write, the device goes into
a write disable mode. The CS input must be set high after the
proper number of clock cycles to start the internal write
cycle. Access to the memory array during an internal write
cycle is ignored and programming is continued. Any invalid
op−code will be ignored and the serial output pin (SO) will
remain in the high impedance state.
SCK
SO
HIGH IMPEDANCE
Figure 11. HOLD Timing
tLZ
HOLD
CS
tCD
tHD
tHD
tCD
tHZ
Note: Dashed Line = mode (1, 1)
ORDERING INFORMATION
Device Order Number
Specific Device
Marking
Package
Type
Temperature Range
Lead
Finish
Shipping
NV25M01DWUTG
W25M1A
SOIC−8
(Pb−Free)
(−40°C to +105°C)
NiPdAu
3,000 Units / Tape & Reel
NV25M01DTUTG
TM1A
TSSOP−8
(Pb−Free)
(−40°C to +105°C)
NiPdAu
3,000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
10.For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.


Podobny numer części - NV25M01_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NV25M01DTUTG ONSEMI-NV25M01DTUTG Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
NV25M01DWUTG ONSEMI-NV25M01DWUTG Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
More results

Podobny opis - NV25M01_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com