Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NV93C76WF Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części NV93C76WF
Szczegółowy opis  EEPROM Serial 8-Kb Microwire
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV93C76WF Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button NV93C76WF Datasheet HTML 3Page - ON Semiconductor NV93C76WF Datasheet HTML 4Page - ON Semiconductor NV93C76WF Datasheet HTML 5Page - ON Semiconductor NV93C76WF Datasheet HTML 6Page - ON Semiconductor NV93C76WF Datasheet HTML 7Page - ON Semiconductor NV93C76WF Datasheet HTML 8Page - ON Semiconductor NV93C76WF Datasheet HTML 9Page - ON Semiconductor NV93C76WF Datasheet HTML 10Page - ON Semiconductor NV93C76WF Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UDFN8 2x3, 0.5P
CASE 517DH
ISSUE O
DATE 06 NOV 2015
SCALE 2:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.25MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. FOR DEVICE OPN CONTAINING W OPTION,
DETAIL B ALTERNATE CONSTRUCTION IS
NOT APPLICABLE.
A
D
E
B
C
0.05
PIN ONE
INDICATOR
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
D2
E2
C
C
0.10
C
0.08
A1
SEATING
PLANE
NOTE 3
b
8X
0.10
C
0.05
C
A B
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
2.00 BSC
D2
1.30
1.50
E
3.00 BSC
E2
1.30
1.50
e
0.50 BSC
L
0.30
0.50
1
4
8
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
PITCH
1.55 3.40
1
DIMENSIONS: MILLIMETERS
1
NOTE 4
0.30
8X
DETAIL A
A3
0.13 REF
A3
A
DETAIL B
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
L1
−−−
0.15
e
RECOMMENDED
5
1.56
GENERIC
MARKING DIAGRAM*
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.
XXXXX
AWLYW
G
1
M
M
0.68
C
0.05
8X
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
REFERENCE:
DESCRIPTION:
98AON06579G
ON SEMICONDUCTOR STANDARD
UDFN8 2X3, 0.5P
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Podobny numer części - NV93C76WF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NV93C46BMUW3VTBG ONSEMI-NV93C46BMUW3VTBG Datasheet
162Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV93C46RBMUW3VTBG ONSEMI-NV93C46RBMUW3VTBG Datasheet
162Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV93C46WF ONSEMI-NV93C46WF Datasheet
162Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV93C86BMUW3VTBG ONSEMI-NV93C86BMUW3VTBG Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results

Podobny opis - NV93C76WF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com