Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NV25080 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części NV25080
Szczegółowy opis  EEPROM Serial 8/16/32/64-Kb SPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25080 Arkusz danych(HTML) 4 Page - ON Semiconductor

  NV25080 Datasheet HTML 1Page - ON Semiconductor NV25080 Datasheet HTML 2Page - ON Semiconductor NV25080 Datasheet HTML 3Page - ON Semiconductor NV25080 Datasheet HTML 4Page - ON Semiconductor NV25080 Datasheet HTML 5Page - ON Semiconductor NV25080 Datasheet HTML 6Page - ON Semiconductor NV25080 Datasheet HTML 7Page - ON Semiconductor NV25080 Datasheet HTML 8Page - ON Semiconductor NV25080 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NV25080, NV25160, NV25320, NV25640
www.onsemi.com
4
Pin Description
SI: The serial data input pin accepts op−codes, addresses
and data. In SPI modes (0,0) and (1,1) input data is latched
on the rising edge of the SCK clock input.
SO: The serial data output pin is used to transfer data out of
the device. In SPI modes (0,0) and (1,1) data is shifted out
on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock provided
by the host and used for synchronizing communication
between host and NV25xxx.
CS: The chip select input pin is used to enable/disable the
NV25xxx. When CS is high, the SO output is tri−stated (high
impedance) and the device is in Standby Mode (unless an
internal write operation is in progress). Every communication
session between host and NV25xxx must be preceded by a
high to low transition and concluded with a low to high
transition of the CS input.
WP: The write protect input pin will allow all write
operations to the device when held high. When WP pin is
tied low and the WPEN bit in the Status Register (refer to
Status Register description, later in this Data Sheet) is set to
“1”, writing to the Status Register is disabled.
HOLD: The HOLD input pin is used to pause transmission
between host and NV25xxx, without having to retransmit
the entire sequence at a later time. To pause, HOLD must be
taken low and to resume it must be taken back high, with the
SCK input low during both transitions. When not used for
pausing, the HOLD input should be tied to VCC, either
directly or through a resistor.
Functional Description
The NV25xxx device supports the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8−bit instruction register. The instruction
set and associated op−codes are listed in Table 7.
Reading data stored in the NV25xxx is accomplished by
simply providing the READ command and an address.
Writing to the NV25xxx, in addition to a WRITE command,
address and data, also requires enabling the device for
writing by first setting certain bits in a Status Register, as will
be explained later.
After a high to low transition on the CS input pin, the
NV25xxx will accept any one of the six instruction op−codes
listed in Table 7 and will ignore all other possible 8−bit
combinations. The communication protocol follows the
timing from Figure 2.
The NV25xxx features an additional Identification Page
(32 bytes) which can be accessed for Read and Write
operations when the IPL bit from the Status Register is set
to “1”. The user can also choose to make the Identification
Page permanent write protected.
Table 7. INSTRUCTION SET
Instruction
Op−code
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
Figure 2. Synchronous Data Timing
CS
SCK
SI
SO
tCNH
tCSS
tWH
tWL
tSU
tH
HI−Z
VALID
IN
VALID
OUT
tCSH
tRI
tFI
tV
tV
tHO
tCNS
tCS
HI−Z
tDIS


Podobny numer części - NV25080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NV25080DTVLT3G ONSEMI-NV25080DTVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080DWVLT3G ONSEMI-NV25080DWVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080MUW ONSEMI-NV25080MUW Datasheet
284Kb / 14P
   EEPROM Serial 8/16-Kb SPI - Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 4
NV25080MUW2VTAG ONSEMI-NV25080MUW2VTAG Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results

Podobny opis - NV25080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com