Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2222AUB Arkusz danych(PDF) 3 Page - TT Electronics.

Numer części 2N2222AUB
Szczegółowy opis  Surface Mount NPN General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N2222AUB Arkusz danych(HTML) 3 Page - TT Electronics.

  2N2222AUB Datasheet HTML 1Page - TT Electronics. 2N2222AUB Datasheet HTML 2Page - TT Electronics. 2N2222AUB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount NPN General
Purpose Transistor
2N2222AUB (TX, TXV)
Issue B
08/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
ON CHARACTERISTICS  
VCE (SAT)   Collector‐Emi er Satura on Voltage  
 
0.3 
IC = 150 mA, IB= 15 mA
(2) 
 
1.0 
IC = 500 mA, IB= 50 mA
(2) 
VBE(SAT)  
0.6 
1.2 
IC = 150 mA, IB= 15 mA
(2) 
 
2.0 
IC = 500 mA, IB= 50 mA
(2) 
SMALL‐SIGNAL CHARACTERISTICS 
hfe 
Small Signal Forward Current Transfer 
Ra o 
50  
‐ 
VCE = 10 V, IC = 1.0 mA, f = 1.0 kHz 
Ihfe 
Small Signal Forward Current Transfer 
Ra o 
2.5  
‐ 
VCE = 20 V, IC = 20 mA, f = 100 MHz 
Cobo 
Open Circuit Output Capacitance  
8.0 
pF 
VCB = 10 V, 100 kHz ≤ f ≤ 1.0 MHZ 
Cibo 
Input Capacitance (Output Open)  
25 
pF 
VEB = 0.5 V, 100 kHz ≤ f ≤ 1.0 MHZ 
SWITCHING CHARACTERISTICS 
ton 
Turn‐On Time  
35 
ns 
VCC =  30 V, IC = 150 mA, IB1 = 15 mA 
toff 
Turn‐Off Time  
300 
ns 
VCC = 30 V, IC = 150 mA, IB1 = IB2 = 15 mA  
Base‐Emi er Satura on Voltage  


Podobny numer części - 2N2222AUB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N2222AUB SEMICOA-2N2222AUB Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2N2222AUB SEMICOA-2N2222AUB Datasheet
47Kb / 2P
   Type 2N2222AUB Geometry 0400 Polarity NPN
logo
Microsemi Corporation
2N2222AUB MICROSEMI-2N2222AUB Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
logo
Semicoa Semiconductor
2N2222AUB SEMICOA-2N2222AUB Datasheet
234Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N2222AUB MICROSEMI-2N2222AUB Datasheet
144Kb / 7P
   RADIATION HARDENED
More results

Podobny opis - 2N2222AUB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
2N2222AUA OPTEK-2N2222AUA Datasheet
192Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Micropac Industries
61084 MICROPAC-61084 Datasheet
83Kb / 2P
   SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
61090 MICROPAC-61090 Datasheet
82Kb / 2P
   SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
logo
TT Electronics.
2N2222AUA TTELEC-2N2222AUA Datasheet
299Kb / 3P
   Surface Mount NPN General Purpose Transistor
2N2907AUA TTELEC-2N2907AUA Datasheet
249Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Micropac Industries
61113 MICROPAC-61113 Datasheet
81Kb / 2P
   GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
logo
Leshan Radio Company
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
   NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
2SC4081RT1 ONSEMI-2SC4081RT1 Datasheet
48Kb / 2P
   General Purpose Amplifier Transistor NPN Surface Mount
May, 2006 ??Rev. 4
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
   NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com