Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE973D Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE973D
Szczegółowy opis  Integrated Circuit Double Balanced Modulator/Demodulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE973D Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE973D Datasheet HTML 1Page - NTE Electronics NTE973D Datasheet HTML 2Page - NTE Electronics NTE973D Datasheet HTML 3Page - NTE Electronics NTE973D Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE973D
Integrated Circuit
Double Balanced Modulator/Demodulator
Description:
The NTE973D is a balanced modulatior/demodulator in a 14–Lead DIP type package designed for
use where the output voltage is a product of an input voltage (signal) and a switching function (carrier).
Typical applications include suppressed carrier and amplitude modulation, synchronous detection,
FM detection, phase detection, and chopper applications.
Features:
D Excellent Carrier Suppression:
65dB typ @ 0.5MHz
50db typ @ 10MHz
D Adjustable Gain and Signal Handling
D Balanced Inputs and Outputs
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Applied Voltage,
∆V
(V6–V7, V8–V1, V9–V7, V9–V8, V7–V4, V7–V1, V8–V4, V6–V8, V2–V5, V3–V5)
30V
. . . . . . . . .
Differential Input Signal, V7–V8
+5.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Signal, V4–V1
±(5 + I5Re) V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Bias Current, I5
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
100
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
(VCC = 12V, VEE = –8V, I5 = 1mA, RL = 3.9kΩ, Re = 1kΩ, TA = +25°C,
Note 1 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Carrier Feedthrough
VCFT
VC = 60mVrms sine wave
fC = 1kHz
40
µVrms
and offset adjusted to
zero
fC = 10MHz
140
µVrms
VC = 300mVP–P square
Offset adjusted to zero
0.04
0.4
mVrms
wave, fC = 1kHz
Offset not adjusted
20
200
mVrms
Carrier Suppression
VCS
fS = 10kHz, 300mVrms,
fC = 500kHz
40
65
dB
60mVrms sine wave
fC = 10MHz
50k
dB
Note 1. All input and output characteristics are single–ended unless otherwise specified)


Html Pages

1  2  3  4 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn