Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SDA525X-2 Arkusz danych(PDF) 6 Page - Siemens Semiconductor Group

Numer części SDA525X-2
Szczegółowy opis  ICs for Consumer Electronics
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA525X-2 Arkusz danych(HTML) 6 Page - Siemens Semiconductor Group

Back Button SDA525X-2 Datasheet HTML 2Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 3Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 4Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 5Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 6Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 7Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 8Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 9Page - Siemens Semiconductor Group SDA525X-2 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SDA 525X-2
Semiconductor Group
6
1998-10-08
3
Block Diagram
Figure 1
Differences compared to SDA 525x according to preliminary specification 06/96:
1. UART is not supported.
2. RGB-outputs deliver a current instead of a voltage.
3. Instead of FIL1SLC/FIL2SLC/FIL3SLC only FIL3 is needed with changed external
device dimensions.
4. LCIN and LCOUT are not needed any more.
UES09854
C500
CPU
(8051-comp.)
incl.
Timer 0/1
256 Kbyte
Management
Unit
(MMU)
Memory
Extended
1 Kbyte
Data
RAM
ROM
Memory
Program
VBI Buffer
1 Kbyte
Dual Port
Interface
Interface
RAM
Display
Dual Port
Display
Generator
Display
ROM
448*12*10
Timing
Character
Acquisition
PWM
ADC
Watchdog
Timer
Capture
Timer
Compare
TTX, VPS
Slicer
TTC
TTD
R
B
COR
G
BLAN
2)
3)
4)
1) Only ROM-versions
Only ROMless-version
2)
Only SDA 5250-2 and
3)
8 K (opt. 10 K) byte for SDA 5250-2
4)
8 K for SDA 5254-2 to SDA 5257-2
1 Kbyte for SDA 5251-2 and SDA 5252-2
SDA 5254-2 to SDA 5257-2
1)


Podobny numer części - SDA525X-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SDA5250 SIEMENS-SDA5250 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
SDA5251 SIEMENS-SDA5251 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
SDA5252 SIEMENS-SDA5252 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
SDA5254 SIEMENS-SDA5254 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
SDA5255 SIEMENS-SDA5255 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
More results

Podobny opis - SDA525X-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Siemens Semiconductor G...
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com