Zakładka z wyszukiwarką danych komponentów |
|
74CB3T16211DGGRE4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
74CB3T16211DGGRE4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 11 page SN74CB3T16211 24BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH WITH 5V TOLERANT LEVEL SHIFTER SCDS147B − OCTOBER 2003 − REVISED JANUARY 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) VCC ≈VCC 5.5 V 0 V NOTE A: If the input high-voltage (VIH) level is greater than or equal to VCC − 1 V and less than or equal to 5.5 V, the output high-voltage (VOH) level is equal to approximately the VCC voltage level. Input Voltages Output Voltages 0 V ≈VCC − 1 V ≈VCC − 1 V VCC IN OUT CB3T Figure 1. Typical DC Voltage-Translation Characteristics The I/O port of this device has a pullup current source that maintains the output voltage at VCC when the device is ON and the input is greater than or equal to VCC − 1. Because of the pullup current source, the output voltage level may be less than VCC when the operating frequency is low and the I/O port is connected to a pulldown resistor. In order to maintain the output voltage at VCC, a pullup resistor must be connected to VCC, instead of a pulldown resistor to ground. The SN74CB3T16211 is organized as two 12-bit bus switches with separate output-enable (1OE, 2OE) inputs. It can be used as two 12-bit bus switches or as one 24-bit bus switch. When OE is low, the associated 12-bit bus switch is ON, and the A port is connected to the B port, allowing bidirectional data flow between ports. When OE is high, the associated 12-bit bus switch is OFF, and a high-impedance state exists between the A and B ports. This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging current will not backflow through the device when it is powered down. The device has isolation during power off. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SSOP − DL Tube SN74CB3T16211DL CB3T16211 SSOP − DL Tape and reel SN74CB3T16211DLR CB3T16211 TSSOP − DGG Tube SN74CB3T16211DGG CB3T16211 −40 °C to 85°C TSSOP − DGG Tape and reel SN74CB3T16211DGGR CB3T16211 −40 C to 85 C TVSOP − DGV Tape and reel SN74CB3T16211DGVR KR211 VFBGA − ZQL (PB-Free) Tape and reel SN74CB3T16211ZQLR KR211 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |
Podobny numer części - 74CB3T16211DGGRE4 |
|
Podobny opis - 74CB3T16211DGGRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |