Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8129 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8129
Szczegółowy opis  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8129 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8129 Datasheet HTML 1Page - Analog Devices AD8129 Datasheet HTML 2Page - Analog Devices AD8129 Datasheet HTML 3Page - Analog Devices AD8129 Datasheet HTML 4Page - Analog Devices AD8129 Datasheet HTML 5Page - Analog Devices AD8129 Datasheet HTML 6Page - Analog Devices AD8129 Datasheet HTML 7Page - Analog Devices AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. 0
AD8129/AD8130
–5–
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . Refer to Figure 3
Input Voltage (Any Input) . . . . . . . –VS – 0.3 V to +VS + 0.3 V
Differential Input Voltage (AD8129)
3 V
S
≥ ±11.5 V . . . ±0.5 V
Differential Input Voltage (AD8129)
3 V
S <
±11.5 V . . . ±6.2 V
Differential Input Voltage (AD8130) . . . . . . . . . . . . . .
±8.4 V
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Resistance measured on SEMI standard 4-layer board.
8-Lead SOIC:
θ
JA= 121
°C/W; 8-Lead Micro_SO: θ
JA = 142
°C/W
3Refer to Applications section, Extreme Operating Condition, and Power Dissipation.
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
AD8129AR
–40ºC to +85ºC
8-Lead SOIC
SO-8
AD8129AR-REEL
1
–40ºC to +85ºC
8-Lead SOIC
13" Tape and Reel
AD8129AR-REEL7
2
–40ºC to +85ºC
8-Lead SOIC
7" Tape and Reel
AD8129ARM
–40ºC to +85ºC
8-Lead Micro_SO
RM-8
HQA
AD8129ARM-REEL
3
–40ºC to +85ºC
8-Lead Micro_SO
13" Tape and Reel
HQA
AD8129ARM-REEL7
2
–40ºC to +85ºC
8-Lead Micro_SO
7" Tape and Reel
HQA
AD8129-EVAL
Evaluation Board with SOIC
AD8130AR
–40ºC to +85ºC
8-Lead SOIC
SO-8
AD8130AR-REEL
1
–40ºC to +85ºC
8-Lead SOIC
13" Tape and Reel
AD8130AR-REEL7
2
–40ºC to +85ºC
8-Lead SOIC
7" Tape and Reel
AD8130ARM
–40ºC to +85ºC
8-Lead Micro_SO
RM-8
HPA
AD8130ARM-REEL
3
–40ºC to +85ºC
8-Lead Micro_SO
13" Tape and Reel
HPA
AD8130ARM-REEL7
2
–40ºC to +85ºC
8-Lead Micro_SO
7" Tape and Reel
HPA
AD8130-EVAL
Evaluation Board with SOIC
NOTES
113" Reel of 2500 each.
27" Reel of 1000 each.
313" Reel of 3000 each.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8129/AD8130 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
AMBIENT TEMPERATURE – C
–50
0
TJ (MAX) = 150 C
2.0
1.5
1.0
8-LEAD SOIC
PACKAGE
–40 –30
0
10
20
3040 5060
70
80 90
8-LEAD
MICRO_SO
0.5
–20 –10
Figure 3. Maximum Power Dissipation vs. Temperature
CONNECTION DIAGRAM
(Top View)
SO-8 (R) and Micro_SO-8 (RM)
AD8129/
AD8130
1
2
3
4
+IN
–IN
–VS
+VS
PD
OUT
REF
FB
8
7
6
5
+


Podobny numer części - AD8129

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR AD-AD8129AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-REEL AD-AD8129AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-REEL7 AD-AD8129AR-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129ARM AD-AD8129ARM Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

Podobny opis - AD8129

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com