Zakładka z wyszukiwarką danych komponentów |
|
SI2404 Arkusz danych(PDF) 4 Page - Silicon Laboratories |
|
SI2404 Arkusz danych(HTML) 4 Page - Silicon Laboratories |
4 / 74 page Si2457/34/15/04 4 Rev. 1.0 1. Electrical Specifications Table 1. Recommended Operating Conditions Parameter1 Symbol Test Condition Min2 Typ Max2 Unit Ambient Temperature TA F-Grade 0 25 70 °C Si2457/34/15/04 Supply Voltage, Digital3 VD 3.0 3.3 3.6 V Notes: 1. The Si2457/34/15/04 specifications are guaranteed when the typical application circuit (including component tolerance) and any Si2457/34/15/04 and any Si3018 are used. See "2. Typical Application Schematic" on page 10. 2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions. Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated. 3. The digital supply, VD, operates from 3.0 to 3.6 V. The Si2457/34/15/04 interface supports 5 V logic (CLKIN/XTALI supports 3.3 V logic only). Table 2. Loop Characteristics (VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-Grade) Parameter Symbol Test Condition Min Typ Max Unit DC Termination Voltage VTR IL = 20 mA, ILIM1 =0 DCV = 00, MINI = 11, DCR = 0 —— 6.0 V DC Termination Voltage VTR IL = 120 mA, ILIM = 0 DCV = 00, MINI = 11, DCR = 0 9— — V DC Termination Voltage VTR IL = 20 mA, ILIM = 0 DCV = 11, MINI = 00, DCR = 0 —— 7.5 V DC Termination Voltage VTR IL = 120 mA, ILIM = 0 DCV = 11, MINI = 00, DCR = 0 9— — V DC Termination Voltage VTR IL = 20 mA, ILIM = 1 DCV = 11, MINI = 00, DCR = 0 —— 7.5 V DC Termination Voltage VTR IL = 60 mA, ILIM = 1 DCV = 11, MINI = 00, DCR = 0 40 — — V DC Termination Voltage VTR IL = 50 mA, ILIM = 1 DCV = 11, MINI = 00, DCR = 0 —— 40 V On-Hook Leakage Current ILK VTR =–48 V — — 5 µA Operating Loop Current ILP MINI = 00, ILIM = 0 10 — 120 mA Operating Loop Current ILP MINI = 00, ILIM = 1 10 — 60 mA DC Ring Current DC current flowing through ring detection circuitry —1.5 3 µA Ring Detect Voltage2 VRD RT = 0 12 15 18 VRMS Ring Detect Voltage2 VRD RT = 1 18 21 25 VRMS Ring Frequency FR 15 — 68 Hz Ringer Equivalence Number REN — — 0.2 Notes: 1. ILIM = U67, bit 9; DCV = U67, bits 3:2; MINI = U67, bits 13:12; DCR = U67, bit 7; RT = U67, bit 0. 2. The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected above the maximum. |
Podobny numer części - SI2404 |
|
Podobny opis - SI2404 |