Zakładka z wyszukiwarką danych komponentów |
|
SI4874DY Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
SI4874DY Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 5 page Si4874BDY Vishay Siliconix New Product www.vishay.com 2 Document Number: 73058 S-41508—Rev. A, 09-Aug-04 MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Test Condition Min Typ Max Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA 1.0 3.0 V Gate-Body Leakage IGSS VDS = 0 V, VGS = "20 V "100 nA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V 1 mA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V, TJ = 70_C 5 mA On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 16 A 0.0057 0.007 W Drain-Source On-State Resistancea rDS(on) VGS = 4.5 V, ID = 14 A 0.0068 0.0085 W Forward Transconductancea gfs VDS = 15 V, ID = 16 A 65 S Diode Forward Voltagea VSD IS = 2.7 A, VGS = 0 V 0.74 1.1 V Dynamicb Total Gate Charge Qg 21 25 Gate-Source Charge Qgs VDS = 15 V, VGS = 4.5 V, ID = 16 A 9.5 nC Gate-Drain Charge Qgd 6.5 Gate-Resistance Rg 0.4 0.9 1.4 W Turn-On Delay Time td(on) 16 25 Rise Time tr VDD = 15 V, RL = 15 W 10 20 Turn-Off Delay Time td(off) VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, Rg = 6 W 57 90 ns Fall Time tf 15 25 Source-Drain Reverse Recovery Time trr IF = 2.7 A, di/dt = 100 A/ms 40 60 Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 10 20 30 40 50 012345 VGS = 10 thru 4 V 25_C TC = 125_C −55_C 3 V Output Characteristics Transfer Characteristics VDS − Drain-to-Source Voltage (V) VGS − Gate-to-Source Voltage (V) |
Podobny numer części - SI4874DY |
|
Podobny opis - SI4874DY |