Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVCH8T245DGVRE4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 74AVCH8T245DGVRE4
Szczegółowy opis  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VILTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74AVCH8T245DGVRE4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button 74AVCH8T245DGVRE4 Datasheet HTML 3Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 4Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 5Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 6Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 7Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 8Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 9Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 10Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN74AVCH8T245
8BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES565F − APRIL 2004 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.7
0.5
5.4
0.5
4.6
0.5
4.9
0.5
6.8
ns
tPHL
A
B
2.7
0.5
5.4
0.5
4.6
0.5
4.9
0.5
6.8
ns
tPLH
B
A
2.6
0.5
5.4
0.5
5.1
0.5
4.7
0.5
4.5
ns
tPHL
B
A
2.6
0.5
5.4
0.5
5.1
0.5
4.7
0.5
4.5
ns
tPZH
OE
A
3.7
1.1
8.7
1.1
8.7
1.1
8.7
1.1
8.7
ns
tPZL
OE
A
3.7
1.1
8.7
1.1
8.7
1.1
8.7
1.1
8.7
ns
tPZH
OE
B
4.8
1.1
7.6
1.1
7.1
1
5.6
1
5.2
ns
tPZL
OE
B
4.8
1.1
7.6
1.1
7.1
1
5.6
1
5.2
ns
tPHZ
OE
A
3.1
0.5
8.6
0.5
8.6
0.5
8.6
0.5
8.6
ns
tPLZ
OE
A
3.1
0.5
8.6
0.5
8.6
0.5
8.6
0.5
8.6
ns
tPHZ
OE
B
4.1
0.5
8.4
0.5
7.6
0.5
7.2
0.5
7.8
ns
tPLZ
OE
B
4.1
0.5
8.4
0.5
7.6
0.5
7.2
0.5
7.8
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.5
0.5
5.1
0.5
4.4
0.5
4
0.5
3.9
ns
tPHL
A
B
2.5
0.5
5.1
0.5
4.4
0.5
4
0.5
3.9
ns
tPLH
B
A
2.5
0.5
4.6
0.5
4.4
0.5
3.9
0.5
3.7
ns
tPHL
B
A
2.5
0.5
4.6
0.5
4.4
0.5
3.9
0.5
3.7
ns
tPZH
OE
A
3
1
6.8
1
6.8
1
6.8
1
6.8
ns
tPZL
OE
A
3
1
6.8
1
6.8
1
6.8
1
6.8
ns
tPZH
OE
B
4.6
1.1
8.2
1
6.7
0.5
5.1
0.5
4.5
ns
tPZL
OE
B
4.6
1.1
8.2
1
6.7
0.5
5.1
0.5
4.5
ns
tPHZ
OE
A
2.8
0.5
7.1
0.5
7.1
0.5
7.1
0.5
7.1
ns
tPLZ
OE
A
2.8
0.5
7.1
0.5
7.1
0.5
7.1
0.5
7.1
ns
tPHZ
OE
B
3.9
0.5
7.8
0.5
6.9
0.5
6
0.5
5.8
ns
tPLZ
OE
B
3.9
0.5
7.8
0.5
6.9
0.5
6
0.5
5.8
ns


Podobny numer części - 74AVCH8T245DGVRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
570Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
656Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - 74AVCH8T245DGVRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com