Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP270D Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP270D
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP270D Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP270D Datasheet HTML 1Page - Toshiba Semiconductor TLP270D Datasheet HTML 2Page - Toshiba Semiconductor TLP270D Datasheet HTML 3Page - Toshiba Semiconductor TLP270D Datasheet HTML 4Page - Toshiba Semiconductor TLP270D Datasheet HTML 5Page - Toshiba Semiconductor TLP270D Datasheet HTML 6Page - Toshiba Semiconductor TLP270D Datasheet HTML 7Page - Toshiba Semiconductor TLP270D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP270D
2002-09-25
2
(4) Bridge rectifier
Polarity protection
· Reverse voltage: 30V (min.)
· Forward voltage: 1.7V (max.)
(5) Zener diode
Ring detection protector
· Zener voltage: 22~32V
(Common)
· Isolation voltage: 1500Vrms (min.)
· UL recognized: UL1577, file No. E67349
Pin Configuration (top view)


Podobny numer części - TLP270D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
logo
STMicroelectronics
TLP270G STMICROELECTRONICS-TLP270G Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
TLP270G-1 STMICROELECTRONICS-TLP270G-1 Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
TLP270M STMICROELECTRONICS-TLP270M Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
More results

Podobny opis - TLP270D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com