Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G14GM Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LVC1G14GM
Szczegółowy opis  Single Schmitt-trigger inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G14GM Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G14GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2004 Sep 10
8
Philips Semiconductors
Product specification
Single Schmitt-trigger inverter
74LVC1G14
TRANSFER CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C
VT+
positive-going threshold
voltage
see Figs. 8 and 9
1.8
0.82
1.0
1.14
V
2.3
1.03
1.2
1.40
V
3.0
1.29
1.5
1.71
V
4.5
1.84
2.1
2.36
V
5.5
2.19
2.5
2.79
V
VT−
negative-going threshold
voltage
see Figs. 8 and 9
1.8
0.46
0.6
0.75
V
2.3
0.65
0.8
0.96
V
3.0
0.88
1.0
1.24
V
4.5
1.32
1.5
1.84
V
5.5
1.58
1.8
2.24
V
VH
hysteresis voltage
(VT+ − VT−)
see Figs. 8 and 9
1.8
0.26
0.4
0.51
V
2.3
0.28
0.4
0.57
V
3.0
0.31
0.5
0.64
V
4.5
0.40
0.6
0.77
V
5.5
0.47
0.6
0.88
V
Tamb = −40 °C to +125 °C
VT+
positive-going threshold
voltage
see Figs. 8 and 9
1.8
0.79
1.14
V
2.3
1.00
1.40
V
3.0
1.26
1.71
V
4.5
1.81
2.36
V
5.5
2.16
2.79
V
VT−
negative-going threshold
voltage
see Figs. 8 and 9
1.8
0.46
0.78
V
2.3
0.65
0.99
V
3.0
0.88
1.27
V
4.5
1.32
1.87
V
5.5
1.58
2.27
V
VH
hysteresis voltage
(VT+ − VT−)
see Figs. 8 and 9
1.8
0.19
0.51
V
2.3
0.22
0.57
V
3.0
0.25
0.64
V
4.5
0.34
0.77
V
5.5
0.41
0.88
V


Podobny numer części - 74LVC1G14GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G14GM NXP-74LVC1G14GM Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14GM PHILIPS-74LVC1G14GM Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14GM NEXPERIA-74LVC1G14GM Datasheet
290Kb / 19P
   Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
74LVC1G14GM-Q100 NEXPERIA-74LVC1G14GM-Q100 Datasheet
253Kb / 15P
   Single Schmitt trigger inverter
Rev. 7 - 20 January 2022
More results

Podobny opis - 74LVC1G14GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com