Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5379ABC Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD5379ABC
Szczegółowy opis  32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 7Page - Analog Devices AD5379ABC Datasheet HTML 8Page - Analog Devices AD5379ABC Datasheet HTML 9Page - Analog Devices AD5379ABC Datasheet HTML 10Page - Analog Devices AD5379ABC Datasheet HTML 11Page - Analog Devices AD5379ABC Datasheet HTML 12Page - Analog Devices AD5379ABC Datasheet HTML 13Page - Analog Devices AD5379ABC Datasheet HTML 14Page - Analog Devices AD5379ABC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD5382
Rev. 0 | Page 11 of 40
PARALLEL INTERFACE
Table 8. DVDD = 2.7 V to 5.5 V; AVDD = 4.5 V to 5.5 V or 2.7 V to 3.6 V; AGND = DGND = 0 V; all specifications
TMIN to TMAX, unless otherwise noted
Parameter1,2,3
Limit at TMIN, TMAX
Unit
Description
t0
4.5
ns min
REG0, REG1, address to WR rising edge setup time
t1
4.5
ns min
REG0, REG1, address to WR rising edge hold time
t2
20
ns min
CS pulse width low
t3
20
ns min
WR pulse width low
t4
0
ns min
CS to WR falling edge setup time
t5
0
ns min
WR to CS rising edge hold time
t6
4.5
ns min
Data to WR rising edge setup time
t7
4.5
ns min
Data to WR rising edge hold time
t8
20
ns min
WR pulse width high
t94
700
ns min
Minimum WR cycle time (single-channel write)
t104
30
ns max
WR rising edge to BUSY falling edge
t114, 5
670
ns max
BUSY pulse width low (single-channel update)
t12
30
ns min
WR rising edge to LDAC falling edge
t13
20
ns min
LDAC pulse width low
t14
100
ns max
BUSY rising edge to DAC output response time
t15
20
ns min
LDAC rising edge to WR rising edge
t16
0
ns min
BUSY rising edge to LDAC falling edge
t17
100
ns min
LDAC falling edge to DAC output response time
t18
8
µs typ
DAC output settling time
t19
20
ns min
CLR pulse width low
t20
35
µsmax
CLR pulse activation time
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tR = tR = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.2 V.
3 See Figure 7.
4 See Figure 29.
5 Measured with the load circuit of Figure 2.


Podobny numer części - AD5379ABC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5379ABC AD-AD5379ABC Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5379ABC AD-AD5379ABC Datasheet
571Kb / 29P
   40-Channel, 14-Bit, Parallel
REV. B
AD5379ABCZ AD-AD5379ABCZ Datasheet
571Kb / 29P
   40-Channel, 14-Bit, Parallel
REV. B
More results

Podobny opis - AD5379ABC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com