Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STC62WV51216 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części STC62WV51216
Szczegółowy opis  Very Low Power/Voltage CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STC62WV51216 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  STC62WV51216 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV51216 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision 2.1
Jan.
2004
1
R0201-
STC62WV51216
Very Low Power/Voltage CMOS SRAM
512K X 16 bit
(Single CE Pin)
The
STC62WV51216 is a high performance, very low power CMOS Static
Random Access Memory organized as 524,288 words by 16 bits and
operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 1.5uA at 3V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable (CE)
,active LOW output enable(OE) and three-state output drivers.
The
STC62WV51216 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The
STC62WV51216 is available in 48B BGA and 44L TSOP2 packages.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
STC International Limited. reserves the right to modify document contents without notice.
STC62WV51216
1
5
LB
OE
A0
A1
A2
NC
D8
UB
A3
A4
CE
D0
D9
D10
A5
A6
D1
D2
V SS
D11
A17
A7
D3
VCC
V CC
D12
A16
D4
V SS
D14
D13
A 14
A 5
D5
D6
D15
NC
.
A12
A13
WE
D7
A8
A 8
A9
A10
A 11
NC
1
A
B
C
D
E
F
G
H
1
23
4
6
VSS
• Wide Vcc operation voltage : 2.4~5.5V
• Very low power consumption :
Vcc = 3.0V C-grade: 30mA (@55ns) operating current
I -grade: 31mA (@55ns) operating current
C-grade: 24mA (@70ns) operating current
I -grade: 25mA (@70ns) operating current
1.5uA (Typ.) CMOS standby current
Vcc = 5.0V C-grade: 75mA (@55ns) operating current
I -grade: 76mA (@55ns) operating current
C-grade: 60mA (@70ns) operating current
I -grade: 61mA (@70ns) operating current
8.0uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
Row
Decoder
Memory Array
2048 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A9 A8 A7
Data
Buffer
Input
Control
Vss
Vcc
OE
WE
CE
D15
D0
A0
A13
A14
A15
A1
A2
16
16
16
16
16
256
4096
2048
22
A17
A16
A10
A12
A6
A11
A3
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
A4
A18
48-Ball CSP top View
STC
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
POWER DISSIPATION
SPEED
( ns )
STANDBY
( ICCSB1, Max )
Operating
( ICC , Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3V
Vcc=5V
Vcc=3V
Vcc=5V
PKG TYPE
STC62WV51216EC
TSOP2-44
STC62WV51216FC
+0 OC to +70OC
2.4V ~ 5.5V
55 / 70
5uA
55uA
24mA
60mA
BGA-48-0912
STC62WV51216EI
TSOP2-44
STC62WV51216FI
-40OC to +85OC
2.4V ~ 5.5V
55 / 70
10uA
110uA
25mA
61mA
BGA-48-0912
70ns
70ns
55ns : 3.0~5.5V
70ns : 2.7~5.5V
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
Vcc
Vss
DQ4
DQ5
DQ6
DQ7
WE
A18
A17
A16
A15
A14
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
Vss
Vcc
DQ11
DQ10
DQ9
DQ8
A8
A9
A10
A11
A12
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
STC62WV51216EC
STC62WV51216EI


Podobny numer części - STC62WV51216

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV5128EC ETC-STC62WV5128EC Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV5128EL ETC-STC62WV5128EL Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV5128PC ETC-STC62WV5128PC Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV5128PI ETC-STC62WV5128PI Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
More results

Podobny opis - STC62WV51216

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com