Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STE40NK90ZD Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STE40NK90ZD
Szczegółowy opis  N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE40NK90ZD Arkusz danych(HTML) 3 Page - STMicroelectronics

  STE40NK90ZD Datasheet HTML 1Page - STMicroelectronics STE40NK90ZD Datasheet HTML 2Page - STMicroelectronics STE40NK90ZD Datasheet HTML 3Page - STMicroelectronics STE40NK90ZD Datasheet HTML 4Page - STMicroelectronics STE40NK90ZD Datasheet HTML 5Page - STMicroelectronics STE40NK90ZD Datasheet HTML 6Page - STMicroelectronics STE40NK90ZD Datasheet HTML 7Page - STMicroelectronics STE40NK90ZD Datasheet HTML 8Page - STMicroelectronics STE40NK90ZD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STE40NK90ZD
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 7: On/Off
Table 8: Dynamic
Table 9: Source Drain Diode
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%
VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1 mA, VGS = 0
900
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
10
100
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±10
µA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 150µA
2.5
3.75
4.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 20 A
0.14
0.18
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15V, ID =20 A
35
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
25000
1450
280
pF
pF
pF
Coss eq. (3)
Equivalent Output
Capacitance
VGS = 0V, VDS = 0V to 720V
720
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 450 V, ID = 18 A
RG =4.7Ω , VGS = 10 V
(Figure 17)
92
102
450
200
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 720 V, ID = 36 A,
VGS = 10V
590
89
323
826
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
40
160
A
A
VSD (1)
Forward On Voltage
ISD = 40 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 36 A, di/dt = 100 A/µs
VDD = 50 V, Tj = 25°C
(Figure 18)
450
3.6
16.2
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 36 A, di/dt = 100 A/µs
VDD = 50 V, Tj = 150°C
(Figure 18)
930
12
26
ns
µC
A


Podobny numer części - STE40NK90ZD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
More results

Podobny opis - STE40NK90ZD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
STE26NA90 STMICROELECTRONICS-STE26NA90 Datasheet
92Kb / 8P
   N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
   N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
STE45NK80ZD STMICROELECTRONICS-STE45NK80ZD Datasheet
287Kb / 10P
   N-CHANNEL 800V - 0.11ohm - 45 A ISOTOP Super FREDMesh MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z_06 Datasheet
300Kb / 13P
   N-channel 900V - 0.21廓 - 28A ISOTOP Zener-Protected SuperMESTM MOSFET
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com