Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1623 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części TEA1623
Szczegółowy opis  TEA1623
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

TEA1623 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  TEA1623 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 3Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 4Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 5Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 6Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 7Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 8Page - List of Unclassifed Manufacturers TEA1623 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TEA1623
2
TEA1623P;TEA1623PH
2004
3
17
01
1.
TEA1623P TEA1623PH
IC
EZ-HVSOI
BICMOS
TEA1623P TEA1623PH
TEA1623P
TEA1623PH
2.
:
6.5
,650V
:80V
276VAC
RC
100mW
DIP8
DIP16
DVD/VCD
CD(R)
PC
VCC max
-
-
-
40
V
VDRAIN max
DRAIN
Tj>0
-
-
650
V
IDRAIN
DRAIN
-
0
5
-
mA
ISOURCE=-0.5A
Tj=25
-
6
5
7
5
RDSon
Tj=100
-
9
0
10
0
tosc
10
-
200
KHZ
Tamb
-20
-
+85


Podobny numer części - TEA1623

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1623P NXP-TEA1623P Datasheet
434Kb / 20P
   STARplug switched mode power supply controller IC
Rev. 3-30 August 2010
TEA1623P/N1 NXP-TEA1623P/N1 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
TEA1623PH NXP-TEA1623PH Datasheet
434Kb / 20P
   STARplug switched mode power supply controller IC
Rev. 3-30 August 2010
TEA1623PH/N1 NXP-TEA1623PH/N1 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com