Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA6500TT Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA6500TT
Szczegółowy opis  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500TT Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA6500TT Datasheet HTML 1Page - NXP Semiconductors TDA6500TT Datasheet HTML 2Page - NXP Semiconductors TDA6500TT Datasheet HTML 3Page - NXP Semiconductors TDA6500TT Datasheet HTML 4Page - NXP Semiconductors TDA6500TT Datasheet HTML 5Page - NXP Semiconductors TDA6500TT Datasheet HTML 6Page - NXP Semiconductors TDA6500TT Datasheet HTML 7Page - NXP Semiconductors TDA6500TT Datasheet HTML 8Page - NXP Semiconductors TDA6500TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
9397 750 15057
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 June 2005
4 of 37
Philips Semiconductors
TDA6500; TDA6501
5 V mixer/oscillator and synthesizer for PAL and NTSC standards
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TDA6500TT
Fig 3.
Pin configuration for TDA6501TT
TDA6500TT
001aac943
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
LOSCIN
LOSCOUT
OSCGND
MOSCOUT
MOSCIN
HOSCIN1
HOSCOUT2
HOSCOUT1
HOSCIN2
VCC
IFGND
IFOUT
PLLGND
XTAL
VT
CP
MHBIN2
MHBIN1
LBIN
RFGND
IFFIL2
IFFIL1
P2
AGC
P1
P0
P3
AS
SCL
SDA
P6/ADC
P4
TDA6501TT
001aac944
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
LOSCIN
LOSCOUT
OSCGND
MOSCOUT
MOSCIN
HOSCIN1
HOSCOUT2
HOSCOUT1
HOSCIN2
VCC
IFGND
IFOUT
PLLGND
XTAL
VT
CP
MHBIN2
MHBIN1
LBIN
RFGND
IFFIL2
IFFIL1
P2
AGC
P1
P0
P3
AS
SCL
SDA
P6/ADC
P4
Table 2:
Pin description
Symbol
Pin
Description
TDA6500TT TDA6501TT
AGC
25
8
AGC output
AS
21
12
address selection input
CP
16
17
charge pump output
HOSCIN1
6
27
high band oscillator input 1
HOSCIN2
9
24
high band oscillator input 2
HOSCOUT1 8
25
high band oscillator output 1
HOSCOUT2 7
26
high band oscillator output 2
IFFIL1
27
6
IF filter output 1
IFFIL2
28
5
IF filter output 2
IFGND
11
22
IF ground
IFOUT
12
21
IF output
LBIN
30
3
low band RF input
LOSCIN
1
32
low band oscillator input
LOSCOUT
2
31
low band oscillator output
MHBIN1
31
2
mid and high band RF input 1
MHBIN2
32
1
mid and high band RF input 2
MOSCIN
5
28
mid band oscillator input


Podobny numer części - TDA6500TT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Podobny opis - TDA6500TT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com