Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD773AJD Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD773AJD
Szczegółowy opis  10-Bit, 20 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD773AJD Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD773AJD Datasheet HTML 4Page - Analog Devices AD773AJD Datasheet HTML 5Page - Analog Devices AD773AJD Datasheet HTML 6Page - Analog Devices AD773AJD Datasheet HTML 7Page - Analog Devices AD773AJD Datasheet HTML 8Page - Analog Devices AD773AJD Datasheet HTML 9Page - Analog Devices AD773AJD Datasheet HTML 10Page - Analog Devices AD773AJD Datasheet HTML 11Page - Analog Devices AD773AJD Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD773A
REV. 0
–8–
REFERENCE INPUT
The AD773A’s high impedance reference input allows direct
connection with standard voltage references. Unlike the resistor
ladder requirements of a flash converter the AD773A’s single
pin, high impedance input can be driven from one low cost, low
power reference. The high impedance input allows multiple
AD773A’s to be driven from one reference thus minimizing drift
errors.
Figure 11 shows the AD773A connected to the AD680. The
AD680 is a single supply, low power, low cost 2.5 V reference
with performance specifications ideally suited for the AD773A.
The low pass filter minimizes the AD680’s wideband noise.
Other recommended 2.5 V references are the AD580 and
REF43.
AD680
2
GND
V
IN
V OUT
4
6
REF IN
REF GND
22
10
µF
0.1
µF
AD773A
2
1
Figure 11. Recommended AD773A to AD680 Connection
CLOCK INPUT
The AD773A’s pipelined architecture operates on both the
rising and falling edges of the clock input. A low jitter,
symmetrical clock will provide the highest level of performance.
The recommended logic family to drive the clock input is HC.
The AD773A’s minimum clock half cycle may necessitate the
use of an external divide-by-two circuit as shown in Figure 12.
Power dissipation will vary with input clock frequency as shown
in Figure 13.
+5V
R
D
74XX74
Q
Q
S
40MHz
+5V
CLK
Figure 12. Divide-by-Two Clock Circuit
1.07
1.04
1.02
1.03
1.06
1.05
SAMPLE FREQUENCY – Hz
1.5E+07
1.0E+07
2.0E+07
1.08
Figure 13. Power Dissipation vs. Sample Frequency
EQUIVALENT ANALOG INPUT CIRCUIT
The AD773A equivalent analog input circuit is shown in Figure
14. The typical input bias current is 5
µA, while input
capacitance is typically 5 pF. In the single-ended input
configuration one input is connected to AGND while the
second input is driven to full scale (
±500 mV). Under nominal
conditions the collector of the input transistor is at +1.15 V.
This allows signals to be offset by up to +0.65 V without
significantly degrading performance. In the negative direction,
the emitter of the input transistor should not drop below
–1.25 V. Therefore, signals can be offset by –0.65 V without
significant performance degradation. Figure 15 shows
signal-to-noise ratio vs. common-mode input voltage.
+5V
1.0mA
+1.15V
1.0mA
–5V
–1.25V
5pF
AIN
1Vp-p
AD773A
Figure 14. Equivalent Analog Input Circuit
60
0
30
10
20
50
40
AIN = –0.3dB
AIN = – 6dB
COMMON MODE INPUT VOLTAGE – V
1.0
–1.2
–1.4
0.8
0.4
0.2
0.0
0.6
–0.4
–0.6
–0.8
–1.0
–0.2
Figure 15. S/N+D vs. Common-Mode Input Voltage,
fCLK = 20 MSPS


Podobny numer części - AD773AJD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD773A AD-AD773A Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
More results

Podobny opis - AD773AJD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com